Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB047AWE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI90LVB047AWE
Description  3V LVDS Quad Flow-Through Differential Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB047AWE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI90LVB047AWE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB047AWE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB047AWE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB047AWE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB047AWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB047AWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB047AWE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PS8611B
10/04/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV047A/PI90LVB047A
3V LVDS Quad Flow-Through
Differential Line Drivers
Packaging Mechanical: 16-Pin SOIC (W)
Packaging Mechanical: 16-Pin TSSOP (L)
SEATING PLANE
.050
BSC
1
16
0-8˚
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.386
.393
9.80
10.00
1.27
.053
.068
1.35
1.75
.2284
.2440
5.80
6.20
.0040
.0098
0.10
0.25
.013
.020
.0155
.0260
0.330
0.508
0.393
0.660
.0075
.0098
0.25
0.50
.0099
.0196
x 45˚
0.19
0.25
.016
.050
0.41
1.27
REF
.193
.201
.047
max.
.002
.006
SEATING
PLANE
.0256
BSC
.018
.030
.004
.008
.252
BSC
1
16
.169
.177
X.XX
X.XX
DENOTES CONTROLLING
DIMENSIONS IN MILLIMETERS
0.05
0.15
6.4
0.45
0.75
0.09
0.20
4.3
4.5
1.20
4.9
5.1
0.65
0.19
0.30
.007
.012


Similar Part No. - PI90LVB047AWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB044 PERICOM-PI90LVB044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB044L PERICOM-PI90LVB044L Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB044LE PERICOM-PI90LVB044LE Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB044Q PERICOM-PI90LVB044Q Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LVB044QE PERICOM-PI90LVB044QE Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LVB047AWE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV047A PERICOM-PI90LV047A_08 Datasheet
427Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Driver
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV031A PERICOM-PI90LV031A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
PI90LV031ALEX PERICOM-PI90LV031ALEX Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com