Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVR2B Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TVR2B
Description  TV Applications (fast recovery)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TVR2B Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TVR2B Datasheet HTML 1Page - Toshiba Semiconductor TVR2B Datasheet HTML 2Page - Toshiba Semiconductor TVR2B Datasheet HTML 3Page - Toshiba Semiconductor TVR2B Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TVR2B,TVR2G,TVR2J
2004-08-10
3
Average forward current IF (AV) (A)
Ta max – IF (AV)
Number of cycles
Surge forward current (non-repetitive)
200
0
0
160
120
80
40
0.1
0.2
0.3
0.4
0.5
0.6
Resistive and inductive load
Capacitive load
Tj = 25°C
50
0
1
40
30
20
10
3
10
30
100
60 Hz
50 Hz


Similar Part No. - TVR2B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TVR2B EIC-TVR2B Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
TVR2B BILIN-TVR2B Datasheet
55Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
TVR2B TAYCHIPST-TVR2B Datasheet
2Mb / 2P
   FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
TVR2B SUNMATE-TVR2B Datasheet
266Kb / 2P
   FAST RECOVER Y RECTIFIER DIODES
logo
Diode Semiconductor Kor...
TVR2B DSK-TVR2B Datasheet
276Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - TVR2B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TFR07 TOSHIBA-TFR07 Datasheet
134Kb / 2P
   STROBO FLASHER APPLICATIONS (FAST RECOVERY)
TFR7H TOSHIBA-TFR7H Datasheet
133Kb / 2P
   STROBO FLASHER APPLICATIONS(FAST RECOVERY)
1000GXHH22 TOSHIBA-1000GXHH22 Datasheet
101Kb / 2P
   FAST RECOVERY (HIGH SPEED RECTIFIER APPLICATIONS)
TFR1N TOSHIBA-TFR1N Datasheet
129Kb / 2P
   DIODE (STROBO FLASHER APPLICATIONS) (FAST RECOVERY)
S5295B TOSHIBA-S5295B Datasheet
62Kb / 3P
   High Speed Rectifier Applications (fast recovery)
CMF05 TOSHIBA-CMF05 Datasheet
188Kb / 6P
   High-Speed Rectifier Applications (Fast Recovery)
1S1834 TOSHIBA-1S1834 Datasheet
130Kb / 2P
   HIGH SPEED RECTIFIER APPLICATIONS.(FAST RECOVERY)
U05NH44 TOSHIBA-U05NH44 Datasheet
184Kb / 4P
   HIGH SPEED RECTIFIER APPLICATIONS (FAST RECOVERY)
TFR2N TOSHIBA-TFR2N Datasheet
130Kb / 2P
   DIODE (STROBO FLASHER APPLICATIONS) (FAST RECOVERY)
TFR4N TOSHIBA-TFR4N Datasheet
134Kb / 2P
   DIODE (STROBO FLASHER APPLICATIONS) (FAST RECOVERY)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com