Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC124EET1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # DTC124EET1
Description  NPN SILICON BIAS RESISTOR TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC124EET1 Datasheet(HTML) 3 Page - ON Semiconductor

  DTC124EET1 Datasheet HTML 1Page - ON Semiconductor DTC124EET1 Datasheet HTML 2Page - ON Semiconductor DTC124EET1 Datasheet HTML 3Page - ON Semiconductor DTC124EET1 Datasheet HTML 4Page - ON Semiconductor DTC124EET1 Datasheet HTML 5Page - ON Semiconductor DTC124EET1 Datasheet HTML 6Page - ON Semiconductor DTC124EET1 Datasheet HTML 7Page - ON Semiconductor DTC124EET1 Datasheet HTML 8Page - ON Semiconductor DTC124EET1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DTC114EET1 SERIES
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kΩ)
DTC143TET1
DTC143ZET1
VOH
4.9
Vdc
Input Resistor
DTC114EET1
DTC124EET1
DTC144EET1
DTC114YET1
DTC143TET1
DTC123EET1
DTC143EET1
DTC143ZET1
DTC124XET1
DTC123JET1
R1
7.0
15.4
32.9
7.0
3.3
1.5
3.3
3.3
15.4
1.54
10
22
47
10
4.7
2.2
4.7
4.7
22
2.2
13
28.6
61.1
13
6.1
2.9
6.1
6.1
28.6
2.86
k
Resistor Ratio
DTC114EET1/DTC124EET1/DTC144EET1
DTC114YET1
DTC143TET1
DTC123EET1/DTC143EET1
DTC143ZET1
DTC124XET1
DTC123JET1
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.0
0.21
1.0
0.1
0.47
0.047
1.2
0.25
1.2
0.185
0.56
0.056
Figure 1. Derating Curve
250
200
150
100
50
0
– 50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RθJA = 600°C/W
0.00001
0.0001
0.001
0.01
0.1
1.0
10
100
1000
0.001
0.01
0.1
1.0
t, TIME (s)
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 2. Normalized Thermal Response


Similar Part No. - DTC124EET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC124EET1 ONSEMI-DTC124EET1 Datasheet
102Kb / 10P
   Bias Resistor Transistor
January, 2005 ??Rev. 6
DTC124EET1 ONSEMI-DTC124EET1 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
DTC124EET1 ONSEMI-DTC124EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
DTC124EET1G ONSEMI-DTC124EET1G Datasheet
102Kb / 10P
   Bias Resistor Transistor
January, 2005 ??Rev. 6
DTC124EET1G ONSEMI-DTC124EET1G Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
More results

Similar Description - DTC124EET1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUN5211T1 MOTOROLA-MUN5211T1 Datasheet
230Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTORS
logo
ON Semiconductor
MUN5211T1 ONSEMI-MUN5211T1 Datasheet
230Kb / 10P
   NPN SILICON BIAS RESISTOR TRANSISTORS
November, 2004 ??Rev. 6
logo
AiT Semiconductor Inc.
DTA143X AITSEMI-DTA143X Datasheet
497Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON W/MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
MUN5211DW1 ONSEMI-MUN5211DW1 Datasheet
159Kb / 8P
   Dual NPN Bias Resistor Transistors
June, 2016 ??Rev. 4
MUN5215DW1 ONSEMI-MUN5215DW1 Datasheet
86Kb / 8P
   Dual NPN Bias Resistor Transistors
July, 2014 ??Rev. 1
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com