Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC144E Datasheet(PDF) 1 Page - ON Semiconductor

Part # DTC144E
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC144E Datasheet(HTML) 1 Page - ON Semiconductor

  DTC144E Datasheet HTML 1Page - ON Semiconductor DTC144E Datasheet HTML 2Page - ON Semiconductor DTC144E Datasheet HTML 3Page - ON Semiconductor DTC144E Datasheet HTML 4Page - ON Semiconductor DTC144E Datasheet HTML 5Page - ON Semiconductor DTC144E Datasheet HTML 6Page - ON Semiconductor DTC144E Datasheet HTML 7Page - ON Semiconductor DTC144E Datasheet HTML 8Page - ON Semiconductor DTC144E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
May, 2000 – Rev. 0
1
Publication Order Number:
DTC114E/D
DTC114E SERIES
Preferred Devices
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base–emitter
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the TO–92
package which is designed for through hole applications.
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Total Power Dissipation
@ TA = 25°C (1.)
Derate above 25
°C
PD
350
2.81
mW
mW/
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to
Ambient (surface mounted)
RθJA
357
°C/W
Operating and Storage
Temperature Range
TJ, Tstg
–55 to
+150
°C
Maximum Temperature for
Soldering Purposes,
Time in Solder Bath
TL
260
10
°C
Sec
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Shipping
DTC114E
DTC124E
DTC144E
DTC114Y
DTC114T
DTC143T
DTD113E
DTC123E
DTC143E
DTC143Z
DTC114E
DTC124E
DTC144E
DTC114Y
DTC114T
DTC143T
DTD113E
DTC123E
DTC143E
DTC143Z
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
10
22
47
47
1.0
2.2
4.7
47
5000/Box
1. Device mounted on a FR–4 glass epoxy printed circuit board using the
minimum recommended footprint.
http://onsemi.com
CASE 29
TO–92 (TO–226)
STYLE 1
Preferred devices are recommended choices for future use
and best overall value.
NPN SILICON
BIAS RESISTOR
TRANSISTOR
1
2
3
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - DTC144E

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144E ROHM-DTC144E Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTC144E ROHM-DTC144E Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Unisonic Technologies
DTC144E UTC-DTC144E Datasheet
47Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
DTC144E UTC-DTC144E Datasheet
156Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
logo
Rohm
DTC144E ROHM-DTC144E Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC144E

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com