Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6656RBFT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HX6656RBFT
Description  32K x 8 ROM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6656RBFT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HX6656RBFT Datasheet HTML 1Page - List of Unclassifed Manufacturers HX6656RBFT Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6656RBFT Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6656RBFT Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6656RBFT Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6656RBFT Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6656RBFT Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6656RBFT Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6656RBFT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HX6656
5
IDDSB1
Static Supply Current
1.5
mA
IDDSBMF Standby Supply Current - Deselected
1.5
mA
IDDOPR
Dynamic Supply Current, Selected
4.0
mA
II
Input Leakage Current
-1
+1
µA
IOZ
Output Leakage Current
-1
+1
µA
VIL
Low-Level Input Voltage
VIH
High-Level Input Voltage
DC ELECTRICAL CHARACTERISTICS
Units
Test Conditions
Min
Max
Worst Case (2)
Symbol
Parameter
Typical
(1)
NCS=VDD, IO=0,
f=40 MHz
VIH=VDD IO=0
VIL=VSS Inputs Stable
(1) Typical operating conditions: VDD= 5.0 V,TA=25
°C, pre-radiation.
(2) Worst case operating conditions: VDD=4.5 V to 5.5 V, -55
°C to +125°C, post total dose at 25°C.
(3) All inputs switching. DC average current.
f=1 MHz, IO=0, CE=VIH=VDD
NCS=VIL=VSS
VSS
≤VI≤VDD
VSS
≤VIO≤VDD
Output=high Z
0.4
V
VDD = 4.5V, IOL = 10 mA
0.05
V
VDD = 4.5V, IOL = 200
µA
4.2
V
VDD = 4.5V, IOH = -5 mA
VDD-0.05
V
VDD = 4.5V, IOH = -200
µA
CMOS
0.3xVDD
V
TTL
0.8
V
VDD = 4.5V
CMOS
0.7xVDD
V
TTL
2.2
V
VDD = 5.5V
VOH
High-Level Output Voltage
VOL
Low-Level Output Voltage
DUT
output
Valid low
output
Vref1
CL >50 pF*
249
Tester Equivalent Load Circuit
2.9 V
Valid high
output
Vref2
-
+
-
+
*CL = 5 pF for TWLQZ, TSHQZ, TELQZ, and TGHQZ


Similar Part No. - HX6656RBFT

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6656RBFT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Everspin Technologies I...
MR256A08B EVERSPIN-MR256A08B Datasheet
1Mb / 24P
   32K x 8 MRAM
Rev. 6.5 3/2018
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com