Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9851 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # C9851
Description  Clock Generator for Pentium III Server and Workstation Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9851 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button C9851 Datasheet HTML 5Page - Cypress Semiconductor C9851 Datasheet HTML 6Page - Cypress Semiconductor C9851 Datasheet HTML 7Page - Cypress Semiconductor C9851 Datasheet HTML 8Page - Cypress Semiconductor C9851 Datasheet HTML 9Page - Cypress Semiconductor C9851 Datasheet HTML 10Page - Cypress Semiconductor C9851 Datasheet HTML 11Page - Cypress Semiconductor C9851 Datasheet HTML 12Page - Cypress Semiconductor C9851 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Clock Generator for Pentium
III Server and Workstation Applications
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07068 Rev. **
05/04/2001
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 9 of 14
http://www.cypress.com
PRELIMINARY
C9851
Buffer Characteristics
Current Mode CPU Clock Buffer Characteristics
The current mode output buffer detail and current reference circuit details are contained elsewhere in this datasheet.
The following parameters are used to specify output buffer characteristics:
1.
Output impedance of the current mode buffer circuit - Ro (see Figure 3).
2.
Minimum and maximum required voltage operation range of the circuit – Vop (see Figure 3).
3.
Series resistance in the buffer circuit – Ros (see Figure 3).
4.
Current accuracy at given configuration into nominal test load for given configuration.
Figure 3
Host Clock (HCSL) Buffer Characteristics
Characteristic
Minimum
Maximum
Ro
3000 Ohms (recommended)
N/A
Ros
Unspecified
Unspecified
Vout
N/A
1.2 Volt
Iout is selectable depending on implementation. The parameters above apply to all configurations. Vout is the voltage
at the pin of the device.
The various output current configurations are shown in the host swing select functions table. For all configurations, the
deviation from the expected output current is +/- 7% as shown in the table current accuracy (page 12).
1.2V
0V
Iout
Iout
Ros
Ro
VDD3 (3.3V +/- 5%)
Vout = 1.2V max
Vout


Similar Part No. - C9851

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
C9800 CISCO-C9800 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
C9812DYB CYPRESS-C9812DYB Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Kemet Corporation
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C981U103MYVDAAWL45 KEMET-C981U103MYVDAAWL45 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
More results

Similar Description - C9851

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9630 CYPRESS-C9630 Datasheet
185Kb / 18P
   PC133 Clock Generator for SiS630/Pentium III & SiS540/Socket7 Applications
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
   Frequency Timing Generator for Dual Server/Workstation Systems
2019
logo
Integrated Circuit Syst...
ICS932S200 ICST-ICS932S200 Datasheet
102Kb / 12P
   Frequency Timing Generator for Dual Server/Workstation Systems
logo
Pericom Semiconductor C...
PI6C671F PERICOM-PI6C671F Datasheet
199Kb / 7P
   Clock Generator for Pentium Modules
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
S7070 ETC2-S7070 Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
logo
Diodes Incorporated
PI6CG330440 DIODES-PI6CG330440 Datasheet
796Kb / 2P
   19-Output PCIe 5.0 Clock Generator for Server and Data-Center Applications
logo
Freescale Semiconductor...
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
   Clock Generator for PowerQUICC III
logo
Integrated Device Techn...
XC9850 IDT-XC9850 Datasheet
322Kb / 10P
   Clock Generator for PowerQUICC III
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com