Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9851BT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # C9851BT
Description  Clock Generator for Pentium III Server and Workstation Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9851BT Datasheet(HTML) 1 Page - Cypress Semiconductor

  C9851BT Datasheet HTML 1Page - Cypress Semiconductor C9851BT Datasheet HTML 2Page - Cypress Semiconductor C9851BT Datasheet HTML 3Page - Cypress Semiconductor C9851BT Datasheet HTML 4Page - Cypress Semiconductor C9851BT Datasheet HTML 5Page - Cypress Semiconductor C9851BT Datasheet HTML 6Page - Cypress Semiconductor C9851BT Datasheet HTML 7Page - Cypress Semiconductor C9851BT Datasheet HTML 8Page - Cypress Semiconductor C9851BT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Clock Generator for Pentium
III Server and Workstation Applications
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07068 Rev. **
05/04/2001
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 1 of 14
http://www.cypress.com
PRELIMINARY
C9851
Product Features
Six pairs of current referenced differential clocks
Two 3V 180
° displaced Mref clocks for DRCG
One 66.6 MHz reference output
One 14.318 MHz reference output
Select logic for Differential Swing Control, Test
mode, Hi-Z, Power-down, Spread spectrum, and
limited frequency select
Cypress Spread Spectrum for EMI reduction
48 Pin SSOP Package
Product Description
This device provides the necessary clocks for a
differential host bus system in multi-processor servers
and workstations.
It also generates a 66.6MHz hub
clock for interfacing with a complimentary part, the
Cypress B9852.
The 2 Mref clock outputs are 180
degrees out of phase and are used for interfacing with
the Direct Rambus Clock Generator (DRCG), C9820,
C9821, or C9822. This device integrates the Cypress
spread
spectrum
technology
for
optimum
EMI
reduction.
Frequency Selection Table
SEL 100/133
SELA
SELB
CPU(1:6), CPU#(1:6)
3VMref,
3Vmref_b
3V66
REF
0
0
0
100 MHz
50 MHz
66.67 MHz
14.318 MHz
0
0
1
100 MHz
Low
Low
Low
0
1
0
200 MHz
50 MHz
66.67 MHz
14.318 MHz
0
1
1
Hi-Z
Hi-Z
Hi-Z
Hi-Z
1
0
0
133.3 MHz
66.67 MHz
66.67 MHz
14.318 MHz
1
0
1
25 MHz
50 MHz
66.67 MHz
14.318 MHz
1
1
0
200 MHz
66.7 MHz
66.67 MHz
14.318 MHz
1
1
1
REF/2
REF/4
REF
REF
Block Diagram
Table 1
Pin Configuration
VSSR
Ref
VDDR
XIN
XOUT
VSSR
VDDM
3VMref
3VMref_b
VSSM
VDD
VSS
VDDL
3V66
VSSL
SEL100/133
MultSel0
MultSel1
VDDA
VSSA
SelA
SelB
Spread#
PwrDwn#
VDD
VSS
VDDC
CPU1
CPU1#
VSSC
CPU2
CPU2#
VDDC
CPU3
CPU3#
VSSC
CPU4
CPU4#
VDDC
CPU5
CPU5#
VSSC
CPU6
CPU6#
VDDC
I_Ref
VSSA
VDDA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
OSC
VCO
I
Control
VDDA
I_Ref
VSSI
VDDR
VSSR
REF
CPU (1:6)
CPU (1:6)#
VDDM
3VMRef
3VMRef_b
VSSM
VDDL
3V66
VSSL
Spread#
SelA
SelB
SEL100/133
XOUT
XIN
MultSel(0:1)
PwrDwn#


Similar Part No. - C9851BT

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
C9800 CISCO-C9800 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
C9812DYB CYPRESS-C9812DYB Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Kemet Corporation
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C981U103MYVDAAWL45 KEMET-C981U103MYVDAAWL45 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
More results

Similar Description - C9851BT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9630 CYPRESS-C9630 Datasheet
185Kb / 18P
   PC133 Clock Generator for SiS630/Pentium III & SiS540/Socket7 Applications
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
   Frequency Timing Generator for Dual Server/Workstation Systems
2019
logo
Integrated Circuit Syst...
ICS932S200 ICST-ICS932S200 Datasheet
102Kb / 12P
   Frequency Timing Generator for Dual Server/Workstation Systems
logo
Pericom Semiconductor C...
PI6C671F PERICOM-PI6C671F Datasheet
199Kb / 7P
   Clock Generator for Pentium Modules
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
S7070 ETC2-S7070 Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
logo
Diodes Incorporated
PI6CG330440 DIODES-PI6CG330440 Datasheet
796Kb / 2P
   19-Output PCIe 5.0 Clock Generator for Server and Data-Center Applications
logo
Freescale Semiconductor...
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
   Clock Generator for PowerQUICC III
logo
Integrated Device Techn...
XC9850 IDT-XC9850 Datasheet
322Kb / 10P
   Clock Generator for PowerQUICC III
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com