Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB28K032MM3 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HB28K032MM3
Description  MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28K032MM3 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HB28K032MM3 Datasheet HTML 6Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 7Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 8Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 9Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 10Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 11Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 12Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 13Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
HB28K032/L064/J128/J256/J512MM3, HB28K032/L064/J128/J256RM3
Rev.0.02, Sep.15.2004, page 10 of 89
Card Identification (CID)
This register contains the card identification information used during the card identification procedure. It
is a 128 bit wide register, one-time programmable by the provider. It was programmed at the
manufacturer. The CID is divided into eight slices:
CID Fields
Name
Field
Width
CID-slice
Note
Manufacturer ID
MID
8
[127:120]
1
OEM/Application ID
OID
16
[119:104]
Product name
PNM
48
[103:56]
Product revision
PRV
8
[55:48]
Product serial number
PSN
32
[47:16]
Manufacturing date
MDT
8
[15:8]
7-bit CRC checksum
CRC7
7
[7:1]
Not used, always 1
1
[0:0]
Note:
1. The value of MID is 0x06.
The CID has to be error free. To ensure the correctness of the CID, a 7-bit CRC checksum is added to the
end of the CID. The CRC7 is computed according to chapter “Cyclic Redundancy Check (CRC)”.
Relative Card Address (RCA)
The 16-bit relative card address register carries the card address assigned by the host during the card
identification. This address is used for the addressed host to card communication after the card
identification procedure. The default value of the RCA register is 0x0001. The value 0x0000 is reserved
to set all cards in Standby State with the command SELECT_DESELECT_CARD (CMD7). The RCA is
programmed with the command SET_RELATIVE_ADDRESS (CMD3) during the initialization procedure.
The content of this register is lost after power down. The default value is assigned when an internal reset is
applied by the power up detection unit of these Renesas MultiMediaCards, or when the command
GO_IDLE_STATE (CMD0) is detected by these Renesas MultiMediaCards.


Similar Part No. - HB28K032MM3

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HB28-1-A++ SLPOWER-HB28-1-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HB28-1-A+G SLPOWER-HB28-1-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HB28-1-AG POWER-ONE-HB28-1-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
logo
Hitachi Semiconductor
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
HB288032A5 HITACHI-HB288032A5 Datasheet
170Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB28K032MM3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com