Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRDC3637EVAL Datasheet(PDF) 5 Page - International Rectifier

Part # IRDC3637EVAL
Description  IR3637 EVALUATION BOARD USER GUIDE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3637EVAL Datasheet(HTML) 5 Page - International Rectifier

  IRDC3637EVAL Datasheet HTML 1Page - International Rectifier IRDC3637EVAL Datasheet HTML 2Page - International Rectifier IRDC3637EVAL Datasheet HTML 3Page - International Rectifier IRDC3637EVAL Datasheet HTML 4Page - International Rectifier IRDC3637EVAL Datasheet HTML 5Page - International Rectifier IRDC3637EVAL Datasheet HTML 6Page - International Rectifier IRDC3637EVAL Datasheet HTML 7Page - International Rectifier IRDC3637EVAL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev1.0
4/29/2005
IRDC3637EVAL
BILL OF MATERIAL
Ref Desig
Description
Value
Qty
Part#
Manuf
Q1
Dual MOSFET
20V, 13.4mOhm
1
IRF8910
IR
U1
Controller
Synchronous PWM
1
IR3637
IR
D3
Diode
Fast Switching
1
BAT54A
IR
L1
Inductor
1.5uH, 8A, 10 mOhm
1
DO3316P-152
Coilcraft
C8,9,12,13
Cap, Poscap
150uF, 6.3V, 40mOhm
4
6TPC150M
Sanyo
C2,C5
Cap, Ceramic
0.1uF, X7R, 16V
2
ECJ-1VB1C104K
Panasonic
C1,10,11
Cap, Ceramic
1uF, X5R, 6.3V
3
ECJ-1VB0J105K
Panasonic
C3
Cap, Ceramic
22pF, NPO, 100V
1
ECJ-1VC2A220J
Panasonic
C4
Cap, Ceramic
1800pF, X7R, 50V
1
ECJ-1VB1H182K
Panasonic
R3
Resistor
16K, 1%
1
Any
R8
Resistor
1.24K, 1%
1
Any
R9
Resistor
1K, 1%
1
Any
R2,4,6,7
Resistor
0 Ohm
4
Any
R1,5,10
Resistor
Not Used
3
C6,7
Capacitor
Not Used
2
D1
Diode
Not Used
1
J1,J2
Socket
Scope probe
2
131-5031-00
Tektronix
JP1,JP2
Terminal
Wire Connect
2
ED1973-ND
Digi-Key
JU1
Terminal
2-Pin Header
1
S1012-02-ND
Digi-Key
5


Similar Part No. - IRDC3637EVAL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3621EVAL IRF-IRDC3621EVAL Datasheet
1Mb / 13P
   The IR3621 IC combines a Dual synchronous Buck controller,providing a cost-effective, high performance and flexible solution.
IRDC3629 IRF-IRDC3629 Datasheet
714Kb / 16P
   USER GUIDE FOR IR3629 EVALUATION BOARD
IRDC3629A IRF-IRDC3629A Datasheet
954Kb / 16P
   USER GUIDE FOR IR3629A EVALUATION BOARD
IRDC3640 IRF-IRDC3640 Datasheet
733Kb / 17P
   USER GUIDE FOR IR3640 EVALUATION BOARD
IRDC3651 IRF-IRDC3651 Datasheet
570Kb / 13P
   The IR3651 is a high voltage PWM controller designed for high performance synchronous Buck DC/DC applications.
More results

Similar Description - IRDC3637EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-486 AD-UG-486 Datasheet
532Kb / 8P
   Evaluation Board User Guide
REV. 0
UG-317 AD-UG-317 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
International Rectifier
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
   EVALUATION BOARD USER GUIDE
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
   IRU3046 EVALUATION BOARD USER GUIDE
IRDC3146EVAL IRF-IRDC3146EVAL Datasheet
1Mb / 15P
   IRU3146 EVALUATION BOARD USER GUIDE
logo
Intersil Corporation
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
   Evaluation Board User?셲 Guide
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com