Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX6656-QHT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HX6656-QHT
Description  32K x 8 ROM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6656-QHT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HX6656-QHT Datasheet HTML 1Page - List of Unclassifed Manufacturers HX6656-QHT Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6656-QHT Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6656-QHT Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6656-QHT Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6656-QHT Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6656-QHT Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6656-QHT Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6656-QHT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HX6656
2
FUNCTIONAL DIAGRAM
NCS
CE*
NOE
MODE
Q
L
H
L
Read
Data Out
H
X
XX
Deselected
High Z
X
L
XX
Disabled
High Z
SIGNAL DEFINITIONS
A: 0-14
Address input pins which select a particular eight-bit word within the memory array.
Q: 0-7
Data Output Pins.
NCS
Negative chip select, when at a low level allows normal read operation. When at a high level NCS forces the
ROM to a precharge condition, holds the data output drivers in a high impedance state and disables all input
buffers except CE. If this signal is not used it must be connected to VSS.
NOE
Negative output enable, when at a high level holds the data output drivers in a high impedance state. When
at a low level, the data output driver state is defined by NCS and CE. If this signal is not used it must be
connected to VSS.
CE*
Chip enable, when at a high level allows normal operation. When at a low level CE forces the ROM to a
precharge condition, holds the data output drivers in a high impedance state and disables all the input buffers
except the NCS input buffer. If this signal is not used it must be connected to VDD.
*Not Available in 28-lead DIP or 28-Lead Flat Pack
TRUTH TABLE
Notes:
X: VI=VIH or VIL
XX: VSS
≤VI≤VDD
NOE=H: High Z output state maintained
for NCS=X, CE=X
NCS
A:0-8,12-13
CE
NO E
CS • CE • OE
Row
Decoder
32,768 x 8
Memory
Array
A:9-11,14
#
Signal
All controls must b e
enab led for a signal to
p ass. (#: numb er of
b uffers, default = 1)
1 = enab led
Signal
4
Q:0-7
(0 = high Z)
11
Column Decoder
Data O utp ut
8


Similar Part No. - HX6656-QHT

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6656-QHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Everspin Technologies I...
MR256A08B EVERSPIN-MR256A08B Datasheet
1Mb / 24P
   32K x 8 MRAM
Rev. 6.5 3/2018
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com