Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS-6880Y Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTS-6880Y
Description  0.56inch (14.22mm) digit height single digit seven-segment display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-6880Y Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTS-6880Y Datasheet HTML 1Page - Lite-On Technology Corporation LTS-6880Y Datasheet HTML 2Page - Lite-On Technology Corporation LTS-6880Y Datasheet HTML 3Page - Lite-On Technology Corporation LTS-6880Y Datasheet HTML 4Page - Lite-On Technology Corporation LTS-6880Y Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

  
 !"#$



<0>118250> 04#05

#*
02C(><2>3:>>050> 04#05
!:59960=#1:610*35 $

#
5::1(><2>3:>>050> 04#05
0>25402>(>#" 0> 04#05
"
"A
)
)
070>10.652400> 04#05

.
80>2540#80>25:>0240
5D
5>2400#80>25:>0240
5D
630>0#80>25:>0#2E" >#2E1025##?06<102548620
%&!"#$

       
70>240:#:1%50159
%
A "
µ3
%F#
02C#11*2706045
λ8

#
%F"#
805>260&26 *35
∆λ

#
%F"#
#25*2706045
λ3

#
%F"#
(><2>3.652400> 04#05
.
"
"
.
%F"#
070>10:>>050> 04#05
%

µ.F.
:#:1%50159)25 425
% #
"
%F#
50 :#:1 50159 1 #021:>03 <5  2 64 5 101> 23 650> #?25 5 25
288>E#25015 0%!##1%50>252600G62>240$090 >01810:>70


Similar Part No. - LTS-6880Y

ManufacturerPart #DatasheetDescription
logo
LEM
LTS-6-NP LEM-LTS-6-NP Datasheet
625Kb / 4P
   Current Transducer LTS 6-NP
logo
Lite-On Technology Corp...
LTS-6460G LITEON-LTS-6460G Datasheet
122Kb / 5P
   Property of Lite-On Only
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
LTS-6760P LITEON-LTS-6760P Datasheet
131Kb / 5P
   0.56 inch (14.2mm) DIGIT HEIGHT
LTS-6780P LITEON-LTS-6780P Datasheet
139Kb / 5P
   0.56 inch (14.22mm) DIGIT HEIGHT.
More results

Similar Description - LTS-6880Y

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-5001AWC LITEON-LTS-5001AWC Datasheet
158Kb / 5P
   0.56inch (14.22mm) digit height single digit low current seven-segment display
logo
Kingbright Corporation
SC56-11SYKWA KINGBRIGHT-SC56-11SYKWA Datasheet
348Kb / 6P
   14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SURKWA KINGBRIGHT-SA56-11SURKWA Datasheet
348Kb / 6P
   14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11CGKWA KINGBRIGHT-SC56-11CGKWA Datasheet
348Kb / 6P
   14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
Lite-On Technology Corp...
LTD-5621AG LITEON-LTD-5621AG Datasheet
108Kb / 5P
   0.56INCH (14.22mm) DIGIT HEIGHT
logo
Marktech Corporate
MTN1130-ASR MARKTECH-MTN1130-ASR Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY
MTN1136-ASR MARKTECH-MTN1136-ASR Datasheet
49Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1140-ASR MARKTECH-MTN1140-ASR Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
MTN1156-ASR MARKTECH-MTN1156-ASR Datasheet
51Kb / 1P
   SINGLE DIGIT SEVEN SEGMENT DISPLAY?
logo
Lite-On Technology Corp...
LTS4301G LITEON-LTS4301G Datasheet
130Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com