Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3654ETE+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3654ETE+
Description  47MHz to 870MHz Analog CATV Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3654ETE+ Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX3654ETE+ Datasheet HTML 1Page - Maxim Integrated Products MAX3654ETE+ Datasheet HTML 2Page - Maxim Integrated Products MAX3654ETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX3654ETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX3654ETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX3654ETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX3654ETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX3654ETE+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Detailed Description
The MAX3654 is a broadband, high-linearity, low-noise
transimpedance amplifier. The transimpedance (gain)
can be adjusted between 43.5dB
Ω and 62dBΩ using
the voltage at an external control input (VAGC). When
connected as shown in the Typical Application Circuit,
optical input levels from -6dBm to +2dBm will produce
a minimum output of 14dBmV/channel, and 4dB tilt
compensation. Gain deviation over frequency from
47MHz to 870MHz is less than ±0.75dB.
Low-Noise Variable Gain Amplifier
The input stage is a low-noise analog transimpedance
amplifier (TIA) connected differentially to the analog
photodiode. Desired performance can be achieved
with a photodiode having capacitance (CPD) up to 1pF.
VAGC and Hysteresis Control
The gain-control pin VAGC sets overall TIA gain imple-
mented as three switchable gain stages, each with a
continuously variable gain control, as shown in Figure 3.
This produces a continuously variable gain ranging
from 62dB
Ω (at VAGC = 0.175V) to 43.5dBΩ at
(VAGC=1.4V). A set of comparators examines the
VAGC input to select a gain stage. As the voltage at
VAGC crosses the two locations in the gain vs. VAGC
curve, where the gain stage changes (350mV and
700mV), there will be small deviations in the output
which may lead to a brief interruption of CATV signals.
See the Typical Operating Characteristics for Gain vs.
Control Voltage.
A hysteresis control input is provided to limit dithering
when the optical level is close to a gain-switching point.
The hysteresis level is controlled by the value of RHYST.
Hysteresis is minimum (0.13dB) when this pin is open.
RF Output and Cable Tilt Compensation
With a typical photodiode, the gain at 870MHz is 4dB
higher than at 47MHz. The overall frequency response
of the TIA is within ±0.75dB of a straight line connecting
the values at 47MHz and 870MHz.
Mute
In normal operation, the TTL MUTE pin is held high.
When MUTE is low, the output signal is attenuated by
more than 45dB.
47MHz to 870MHz Analog CATV
Transimpedance Amplifier
6
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1, 4, 9, 12
VCC
+5.0V Power Supply
2
IN+
Positive Analog Photodiode Input Connection. Typically connected to photodiode cathode.
3
IN-
Negative Analog Photodiode Input Connection. Typically connected to photodiode anode.
5
VAGC
AGC Control Input. Range is 0 to 1.4V. See the Typical Operating Characteristics Gain vs. Control
Voltage graph.
6
MUTE
Mute Control Input, TTL. MUTE < 0.8V to mute output.
7
HYST
AGC Hysteresis Control Input. A resistor from HYST to GND controls the hysteresis level.
8, 14, 16
GND
Ground
10
OUT-
Negative RF Output. The voltage on this pin decreases with increasing optical power when IN+ is
connected to the photodiode cathode.
11
OUT+
Positive RF Output. The voltage on this pin increases with increasing optical power when IN- is
connected to the photodiode anode.
13
TEST1
Reserved for Test. Connect to GND for normal operation.
15
TEST2
Reserved for Test. Connect to GND for normal operation.
EP
EP
Exposed Pad. The exposed pad must be soldered to the circuit-board ground for proper thermal and
electrical performance.


Similar Part No. - MAX3654ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3654EVKIT MAXIM-MAX3654EVKIT Datasheet
229Kb / 5P
   Evaluation Kit
Rev 1; 3/07
More results

Similar Description - MAX3654ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3660 MAXIM-MAX3660 Datasheet
250Kb / 9P
   Analog CATV Transimpedance Amplifier
Rev 0; 7/08
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
   Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
   TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
   Transimpedance Amplifier
logo
Tyco Electronics
MAFLCT0066 MACOM-MAFLCT0066 Datasheet
84Kb / 4P
   CATV Diplex Filter 5 - 30 / 46 - 870MHz
logo
M/A-COM Technology Solu...
MAFLCT0066 MA-COM-MAFLCT0066 Datasheet
81Kb / 4P
   CATV Diplex Filter 5 - 30 / 46 - 870MHz
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
   AGC Transimpedance Amplifier
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
   AGC TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com