Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6668AUA60 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6668AUA60
Description  Remote Temperature Switches with Integrated Fan Controller/Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6668AUA60 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6668AUA60 Datasheet HTML 1Page - Maxim Integrated Products MAX6668AUA60 Datasheet HTML 2Page - Maxim Integrated Products MAX6668AUA60 Datasheet HTML 3Page - Maxim Integrated Products MAX6668AUA60 Datasheet HTML 4Page - Maxim Integrated Products MAX6668AUA60 Datasheet HTML 5Page - Maxim Integrated Products MAX6668AUA60 Datasheet HTML 6Page - Maxim Integrated Products MAX6668AUA60 Datasheet HTML 7Page - Maxim Integrated Products MAX6668AUA60 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Remote Temperature Switches with Integrated
Fan Controller/Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +3V to +3.6V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VDD = +3.3V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
PGND to GND .......................................................-0.3V to +0.3V
FANOUT to GND ....................................................-0.3V to +15V
DXN to GND ..........................................................-0.3V to +0.8V
DXP, WARN, HYST, FORCEON, OT...........-0.3V to (VDD + 0.3V)
Current into VDD, GND, DXP, DXN, WARN, HYST,
FORCEON, OT..............................................................±20mA
Current into FANOUT, PGND ........................................ ±300mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............333mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-60°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Range
VDD
3
3.6
V
Average Supply Current
IDD
110
200
µA
Operating Current
During sampling
400
650
µA
Power-On Reset (POR) Threshold
POR
VDD falling edge
1
1.5
2.0
V
POR Threshold Hysteresis
50
mV
TEMPERATURE SENSOR
TRJ = +40
°C to +75°C (Note 1),
TA = 0
°C to +85°C, VDD = +3.3V
±1
±2.2
FANOUT Temperature
Threshold Accuracy
∆TTH
TRJ = +40
°C to +75°C (Note 1),
TA = -40
°C to +125°C, VDD = +3.3V
±1
±4
°C
HYST = GND
4
HYST = float
8
MAX6670
HYST = VDD
12
FANOUT Temperature
Threshold Hysteresis
THYST
MAX6668
8
°C
WARN Temperature Threshold
(MAX6670 Only)
Relative to FANOUT temperature threshold
+15
°C
OT Temperature Threshold
(MAX6670 Only)
Relative to FANOUT temperature threshold
+30
°C
Supply Sensitivity of Temperature
Threshold
1
1.6
°C/V
Temperature Sample Frequency
3.3
4
Hz
FAN DRIVE OUTPUT
FANOUT Output Voltage Low
VOL
ISINK = 250mA
0.5
1
V
Thermal Shutdown
170
°C
Thermal Shutdown Hysteresis
20
°C
LOGIC INPUT/OUTPUT
FORCEON Input High Voltage
VIH
0.8 x
VDD
V


Similar Part No. - MAX6668AUA60

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6668AUA60 MAXIM-MAX6668AUA60 Datasheet
222Kb / 8P
   12V, 250mA Integrated Fan Driver
Rev 2; 11/02
More results

Similar Description - MAX6668AUA60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
[Old version datasheet]   Remote Diode Digital Temperature Sensor with Integrated Fan Control
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
   Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
MAX6665 MAXIM-MAX6665 Datasheet
130Kb / 6P
   Fan Controller/Driver with Factory- Programmed Temperature Thresholds
Rev 0; 5/01
logo
Texas Instruments
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
logo
List of Unclassifed Man...
BA8206BA4 ETC2-BA8206BA4 Datasheet
106Kb / 1P
   Remote Control Fan Controller
logo
Princeton Technology Co...
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
logo
Microchip Technology
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com