Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDI150-12A4 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MDI150-12A4
Description  IGBT Modules Short Circuit SOA Capability Square RBSOA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MDI150-12A4 Datasheet(HTML) 3 Page - IXYS Corporation

  MDI150-12A4 Datasheet HTML 1Page - IXYS Corporation MDI150-12A4 Datasheet HTML 2Page - IXYS Corporation MDI150-12A4 Datasheet HTML 3Page - IXYS Corporation MDI150-12A4 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 IXYS All rights reserved
3 - 4
0
200
400
600
800
1000
0
40
80
120
0
100
200
300
012
34
0
50
100
150
200
250
300
350
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
0
100
200
300
400
500
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
250
13V
11V
T
J = 25°C
V
GE=17V
T
J = 125°C
V
CE = 600V
I
C
= 100A
15V
567
89
10
11
0
50
100
150
200
250
13V
11V
V
GE=17V
15V
V
CE = 20V
T
J = 25°C
9V
9V
V
CE
V
A
I
C
V
CE
A
I
C
V
V
V
V
GE
V
F
A
I
C
A
I
F
nC
Q
G
-di/dt
V
V
GE
A
I
RM
t
rr
ns
A/
ms
150-12
T
J = 125°C
V
R = 600V
I
F = 100A
T
J = 25°C
T
J = 125°C
I
RM
t
rr
Fig. 1
Typ. output characteristics
Fig. 2 Typ. output characteristics
Fig. 3
Typ. transfer characteristics
Fig. 4 Typ. forward characteristics of
free wheeling diode
Fig. 5
Typ. turn on gate charge
Fig. 6 Typ. turn off characteristics of
free wheeling diode
MII 150-12 A4
MID 150-12 A4
MDI 150-12 A4


Similar Part No. - MDI150-12A4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDI100-12A3 IXYS-MDI100-12A3 Datasheet
118Kb / 4P
   IGBT Modules
MDI145-12A3 IXYS-MDI145-12A3 Datasheet
109Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
logo
MagnaChip Semiconductor...
MDI1752 MGCHIP-MDI1752 Datasheet
699Kb / 6P
   N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDI1752TH MGCHIP-MDI1752TH Datasheet
699Kb / 6P
   N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
logo
Inchange Semiconductor ...
MDI1752TH ISC-MDI1752TH Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDI150-12A4

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MII145-12A3 IXYS-MII145-12A3 Datasheet
109Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MII200-12A4 IXYS-MII200-12A4 Datasheet
115Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MID75-12A3 IXYS-MID75-12A3 Datasheet
108Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MID550-12A4 IXYS-MID550-12A4 Datasheet
114Kb / 4P
   IGBT Modules Short Circuit SOA Capability Square RBSOA
VKI50-06P1 IXYS-VKI50-06P1 Datasheet
111Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MWI50-12E7 IXYS-MWI50-12E7 Datasheet
130Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MWI60-12T6K IXYS-MWI60-12T6K Datasheet
175Kb / 4P
   Short Circuit SOA Capability Square RBSOA
VII25-12P1 IXYS-VII25-12P1 Datasheet
478Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MKI100-12F8 IXYS-MKI100-12F8 Datasheet
92Kb / 2P
   Short Circuit SOA Capability Square RBSOA
VII25-06P1 IXYS-VII25-06P1 Datasheet
349Kb / 4P
   Short Circuit SOA Capability Square RBSOA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com