Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3VT3384 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3VT3384
Description  10-Bit, 2-Port, Low Voltage Translator Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VT3384 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3VT3384 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VT3384 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VT3384 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VT3384 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VT3384 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PI3VT3384
10-Bit,2-Port,LowVoltage
TranslatorBusSwitch
3
PS8529
03/19/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
)
1
(
.
m
o
C
s
ti
n
U
.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
al
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
x
B
o
t
x
A
,
CL
F
p
0
5
=
RL
s
m
h
O
0
0
5
=
—5
2
.
0
s
n
t H
Z
P
t L
Z
P
x
B
r
o
x
A
o
t
E
B
;
e
m
i
T
el
b
a
n
E
s
u
B
CL
F
p
0
5
=
RL
s
m
h
O
0
0
5
=
s
m
h
O
0
0
5
=
R
5
.
15
.
6
t Z
H
P
t Z
L
P
x
B
r
o
x
A
o
t
E
B
;
e
m
i
T
el
b
a
si
D
s
u
B5
.
15
.
5
PowerSupplyCharacteristics
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC=3.3V,+25°Cambient.
3. Per driven input (control input only); A and B pins do not contribute to ∆ICC.
Switching Characteristics over 3.3V ±0.3V Operating Range
Capacitance (TA=25°C,f=1MHz)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC=3.3V,TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined
by the lower of the voltages on the two (A,B) pins.
5. This parameter is determined by device characterization but is not production tested.
s
r
e
t
e
m
a
r
a
P
)
5
(
n
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
p
y
Ts
ti
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
V N
I
V
0
=
5
.
3
F
p
C F
F
O
ff
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
A0
.
5
C N
O
n
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
A0
.
0
1
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
I C
C
r
e
w
o
P
t
n
e
c
s
ei
u
Q
t
n
e
rr
u
C
y
l
p
p
u
S
V C
C
.
x
a
M
=
V N
I
V
r
o
D
N
G
=
C
C
3
A
µ
∆I C
C
t
n
e
rr
u
C
y
l
p
p
u
S
H
G
I
H
t
u
p
n
I
r
e
p
V N
I= V
3 )3
(
0
5


Similar Part No. - PI3VT3384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3306 PERICOM-PI3VT3306 Datasheet
359Kb / 4P
   2-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3306L PERICOM-PI3VT3306L Datasheet
359Kb / 4P
   2-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3306UX PERICOM-PI3VT3306UX Datasheet
359Kb / 4P
   2-Bit, 2-Port, Low Voltage Translator Bus Switch
More results

Similar Description - PI3VT3384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VT3306 PERICOM-PI3VT3306 Datasheet
359Kb / 4P
   2-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
   16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT34X245 PERICOM-PI3VT34X245 Datasheet
262Kb / 4P
   32-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
   16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245-A PERICOM-PI3VT3245-A Datasheet
669Kb / 5P
   8-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT3245 PERICOM-PI3VT3245 Datasheet
311Kb / 5P
   8-Bit, 2-Port, Low Voltage Translator Bus SWITCH
logo
Potato Semiconductor Co...
PO3VT3245A POTATO-PO3VT3245A Datasheet
543Kb / 6P
   Hot Insertion 8-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3306A POTATO-PO3VT3306A Datasheet
570Kb / 6P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3305A POTATO-PO3VT3305A Datasheet
571Kb / 6P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Pericom Semiconductor C...
PI5C3384S PERICOM-PI5C3384S Datasheet
466Kb / 6P
   10-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com