Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA07N3340M-01 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA07N3340M-01
Description  330-400MHz 7.5W 9.6V 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07N3340M-01 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA07N3340M-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07N3340M-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07N3340M-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07N3340M-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07N3340M-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07N3340M-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07N3340M-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07N3340M-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07N3340M-01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA07N3340M
RA07N3340M
MITSUBISHI ELECTRIC
5 April 2004
4/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
2
4
6
8
10
12
14
1
1.5
2
2.5
3
3.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
Pout
f=330MHz,
VDD=9.6V,
Pin=20mW
IDD
0
5
10
15
20
25
2
4
6
8
10
12
DRAIN VOLTAGE VDD(V)
0
1
2
3
4
5
Pout
f=400MHz,
VGG=3.5V,
Pin=20mW
IDD
0
2
4
6
8
10
12
14
1
1.5
2
2.5
3
3.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
Pout
f=360MHz,
VDD=9.6V,
Pin=20mW
IDD
0
2
4
6
8
10
12
14
1
1.5
2
2.5
3
3.5
4
GATE VOLTAGE VGG(V)
0
1
2
3
4
5
6
7
Pout
f=400MHz,
VDD=9.6V,
Pin=20mW
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50
Ω, unless otherwise specified)


Similar Part No. - RA07N3340M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07N3340M-101 MITSUBISHI-RA07N3340M-101 Datasheet
228Kb / 8P
   RoHS Compliance , 330-400MHz 7.5W 9.6V 2 Stage Amp. For PORTABLE RADIO
RA07N3340M-101 MITSUBISHI-RA07N3340M-101 Datasheet
148Kb / 9P
   RoHS Compliance , 330-400MHz 7.5W 9.6V 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07N3340M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07N3340M MITSUBISHI-RA07N3340M_06 Datasheet
228Kb / 8P
   RoHS Compliance , 330-400MHz 7.5W 9.6V 2 Stage Amp. For PORTABLE RADIO
RA07N3340M MITSUBISHI-RA07N3340M_10 Datasheet
148Kb / 9P
   RoHS Compliance , 330-400MHz 7.5W 9.6V 2 Stage Amp. For PORTABLE RADIO
RA07N4047M MITSUBISHI-RA07N4047M_10 Datasheet
148Kb / 9P
   RoHS Compliance , 400-470MHz 7.5W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA07N4047M MITSUBISHI-RA07N4047M_06 Datasheet
229Kb / 8P
   RoHS Compliance , 400-470MHz 7.5W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA07N4452M MITSUBISHI-RA07N4452M_06 Datasheet
229Kb / 8P
   RoHS Compliance , 440-520MHz 7.5W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA07N4452M MITSUBISHI-RA07N4452M_10 Datasheet
148Kb / 9P
   RoHS Compliance , 440-520MHz 7.5W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_06 Datasheet
243Kb / 8P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA08N1317M MITSUBISHI-RA08N1317M_10 Datasheet
149Kb / 9P
   135-175MHz 8W 9.6V, 2 Stage Amp. For PORTABLE RADIO
RA07N4452M MITSUBISHI-RA07N4452M Datasheet
61Kb / 9P
   440-520MHz 7.5W 9.6V PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com