Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6670AUB75 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6670AUB75
Description  Remote Temperature Switches with Integrated Fan Controller/Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6670AUB75 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6670AUB75 Datasheet HTML 1Page - Maxim Integrated Products MAX6670AUB75 Datasheet HTML 2Page - Maxim Integrated Products MAX6670AUB75 Datasheet HTML 3Page - Maxim Integrated Products MAX6670AUB75 Datasheet HTML 4Page - Maxim Integrated Products MAX6670AUB75 Datasheet HTML 5Page - Maxim Integrated Products MAX6670AUB75 Datasheet HTML 6Page - Maxim Integrated Products MAX6670AUB75 Datasheet HTML 7Page - Maxim Integrated Products MAX6670AUB75 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Detailed Description
The MAX6668/MAX6670 are simple fan controllers/dri-
vers that turn on an internal power transistor when the
sensed temperature of an external P-N junction
exceeds a factory-set threshold. By connecting a small
(up to +12V/250mA nominal) cooling fan to FANOUT, a
simple on/off fan-control system is created. Do not con-
nect the fan to a power supply of higher than 12V nomi-
nal, 15V maximum.
FANOUT Driver and FORCEON Controller
FANOUT Fan-Driver Output
FANOUT is an open-drain output that sinks greater than
250mA of current to turn on the fan, either when the fan
trip threshold is exceeded or the fan is forced on by dri-
ving FORCEON low.
FORCEON Fan-Control Input
Drive FORCEON low to turn on the fan when the
MAX6670’s remote-sensing junction temperature is less
than the fan trip threshold temperature. This overrides
the internal control circuitry and allows for an external
device to activate the fan.
Overtemperature Alarm Outputs
WARN Output (MAX6670 Only)
WARN is an active-low, open-drain digital output that
indicates when the external P-N junction’s temperature
exceeds 15°C above the fan trip threshold. The WARN
output serves as a warning that the system temperature
has continued to rise well above the fan activation tem-
perature.
OT Output (MAX6670 Only)
OT is an active-low, open-drain digital output that indi-
cates when the external P-N junction’s temperature
exceeds 30°C above the fan trip threshold. OT serves
as a thermal shutdown output to the system in case of
excessive temperature rise.
Hysteresis Input
The temperature comparator has hysteresis to prevent
small temperature changes near the threshold temper-
ature from causing the fan to turn on and off repeatedly
over short periods of time. The FANOUT pin goes
active and powers the fan when the external P-N junc-
tion’s temperature exceeds the factory-programmed
Remote Temperature Switches with Integrated
Fan Controller/Driver
4
_______________________________________________________________________________________
Pin Description
PIN
MAX6668
MAX6670
NAME
FUNCTION
1
1
PGND
Power Ground. PGND is the power ground for the FANOUT power MOSFET switch.
25
FORCEON
Fan-Control Input. Drive FORCEON high for normal operation. Drive FORCEON low
to force fan on.
3
3
DXP
Current Source Positive Input. Connect to the anode of the external diode-
connected transistor. Do not leave DXP floating. Connect a 2200pF capacitor
between DXP and DXN for noise filtering.
4
4
DXN
Current Sink Negative Input. Connect to the cathode of the external diode-
connected transistor. DXN is internally biased to a diode voltage drop.
5, 7
7
GND
Ground
68
VDD
Positive Power Supply
810
FANOUT
Fan-Drive Output. FANOUT is an open-drain power MOSFET that sinks up to 250mA
current to turn on the fan when the sensed temperature exceeds the fan trip
threshold or the fan is forced on by driving FORCEON low.
2
WARN
Temperature Warning Output. WARN is an open-drain output that goes low when
the sensed junction temperature is 15
°C higher than the fan trip threshold.
6
OT
Overtemperature Output. OT is an open-drain output that goes low when the sensed
junction temperature is 30
°C higher than the fan trip threshold.
9
HYST
Hysteresis Control Input. HYST is a three-level logic input for controlling the fan-
drive comparator’s hysteresis. Connect HYST to GND for 4
°C hysteresis, to VDD for
12
°C hysteresis, or leave floating for 8°C hysteresis.


Similar Part No. - MAX6670AUB75

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6670 MAXIM-MAX6670 Datasheet
222Kb / 8P
   12V, 250mA Integrated Fan Driver
Rev 2; 11/02
More results

Similar Description - MAX6670AUB75

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
[Old version datasheet]   Remote Diode Digital Temperature Sensor with Integrated Fan Control
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
   Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
MAX6665 MAXIM-MAX6665 Datasheet
130Kb / 6P
   Fan Controller/Driver with Factory- Programmed Temperature Thresholds
Rev 0; 5/01
logo
Texas Instruments
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
logo
List of Unclassifed Man...
BA8206BA4 ETC2-BA8206BA4 Datasheet
106Kb / 1P
   Remote Control Fan Controller
logo
Princeton Technology Co...
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
logo
Microchip Technology
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com