Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C008V-15AC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C008V-15AC
Description  3.3V 64K/128K x 8/9 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C008V-15AC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C008V-15AC Datasheet HTML 3Page - Cypress Semiconductor CY7C008V-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C008V-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C008V-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C008V-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C008V-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C008V-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C008V-15AC Datasheet HTML 10Page - Cypress Semiconductor CY7C008V-15AC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY7C008V/009V
CY7C018V/019V
Document #: 38-06044 Rev. *B
Page 7 of 18
Data Retention Mode
The CY7C008V/009V and CY7018V/019V are designed with
battery backup in mind. Data retention voltage and supply cur-
rent are guaranteed over temperature. The following rules en-
sure data retention:
1. Chip enable (CE) must be held HIGH during data retention, with-
in VCC to VCC – 0.2V.
2. CE must be kept between VCC – 0.2V and 70% of VCC
during the power-up and power-down transitions.
3. The RAM can begin operation >tRC after VCC reaches the
minimum operating voltage (3.0 volts).
Note:
18. CE = VCC, Vin = GND to VCC, TA = 25°C. This parameter is guaranteed but not tested.
INTERRUPT TIMING[16]
tINS
INT Set Time
15
20
20
ns
tINR
INT Reset Time
15
20
20
ns
SEMAPHORE TIMING
tSOP
SEM Flag Update Pulse (OE or SEM)10
10
12
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
tSAA
SEM Address Access Time
15
20
25
ns
Switching Characteristics Over the Operating Range[10] (continued)
Parameter
Description
CY7C008V/009V
CY7C018V/019V
Unit
-15
-20
-25
Min.
Max.
Min.
Max.
Min.
Max.
Timing
Parameter
Test Conditions[18]
Max.
Unit
ICCDR1
@ VCCDR = 2V
50
µA
Data Retention Mode
3.0V
3.0V
VCC > 2.0V
VCC to VCC – 0.2V
VCC
CE
tRC
V
IH


Similar Part No. - CY7C008V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008V-15AC CYPRESS-CY7C008V-15AC Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C008V-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
logo
Renesas Technology Corp
70V18 RENESAS-70V18 Datasheet
342Kb / 19P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
DECEMBER 2017
logo
Integrated Device Techn...
IDT70V18L IDT-IDT70V18L_15 Datasheet
641Kb / 18P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com