Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931 Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM2931
Description  LOW DROPOUT VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931 Datasheet(HTML) 2 Page - ON Semiconductor

  LM2931 Datasheet HTML 1Page - ON Semiconductor LM2931 Datasheet HTML 2Page - ON Semiconductor LM2931 Datasheet HTML 3Page - ON Semiconductor LM2931 Datasheet HTML 4Page - ON Semiconductor LM2931 Datasheet HTML 5Page - ON Semiconductor LM2931 Datasheet HTML 6Page - ON Semiconductor LM2931 Datasheet HTML 7Page - ON Semiconductor LM2931 Datasheet HTML 8Page - ON Semiconductor LM2931 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM2931 Series
2
MOTOROLA ANALOG IC DEVICE DATA
ORDERING INFORMATION
Di
Output
C
Pk
Device
Voltage
Tolerance
Case
Package
LM2931AD–5.0
50 V
38%
751
SOP–8 Surface Mount
LM2931ADT–5.0
50 V
38%
369A
Surface Mount DPAK
LM2931ADT–1–5.0
50 V
±38%
369
DPAK
LM2931AD2T–5.0
50 V
±3.8%
936
Surface Mount D2PAK
LM2931AT–5.0
50 V
221A
TO–220 Type
LM2931AZ–5.0
50 V
29
TO–92 Type
LM2931D–5.0
5.0 V
50%
751
SOP–8 Surface Mount
LM2931D2T–5.0
50%
936
Surface Mount D2PAK
LM2931DT–5.0
50%
369A
Surface Mount DPAK
LM2931DT–1–5.0
50%
369
DPAK
LM2931T–5.0
50%
221A
TO–220 Type
LM2931Z–5.0
±5.0%
29
TO–92 Type
LM2931CD
Adj
bl
751
SOP–8 Surface Mount
LM2931CD2T
Adj
bl
936A
Surface Mount D2PAK
LM2931CT
Adjustable
314D
5–Pin TO–220 Type
LM2931CTH
j
314A
5–Pin Horizontal Leadform
LM2931CTV
314B
5–Pin Vertical Leadform
LM2931ACD
Adj
bl
20%
751
SOP–8 Surface Mount
LM2931ACD2T
Adj
bl
20%
936A
Surface Mount D2PAK
LM2931ACT
Adjustable
±2.0%
314D
5–Pin TO–220 Type
LM2931ACTH
314A
5–Pin Horizontal Leadform
LM2931ACTV
314B
5–Pin Vertical Leadform
Representative Schematic Diagram
*Deleted on Adjustable Regulators
Input
Output
30 k *
Adjust
92.8 k *
Ground
350
500
6.0 k
6.0
30 k
Output
Inhibit
EPI
Bias
50 k
5.8 V
10 k
11.5 k
3.0 k
3.94 k
30 k
30 k
180 k
184 k
6.8 V
35 k
48 k
This device contains 26 active transistors.


Similar Part No. - LM2931

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
logo
Motorola, Inc
LM2931 MOTOROLA-LM2931 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2931 HTC-LM2931 Datasheet
99Kb / 2P
   0.1A LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - LM2931

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com