Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FB1005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FB1005
Description  10 Amp. Glass Passivated Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FB1005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FB1005 Datasheet HTML 1Page - List of Unclassifed Manufacturers FB1005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FB10
Characteristic Curves
100
20
10
5
2
1
0.5
0.2
0.1
50
0
0.5
1
1.5
2
VF ' instantaneous forward voltage (V)
Tamb, ambient temperature (°C)
Tamb = 25ºC
Number of cycles at 50Hz
500
450
400
350
300
250
200
150
100
50
1
2
4
6
10
20
40 60 100
IF (AV)´ average forward current (A)
60
50
40
30
20
10
0
4
8 10 12
16
20 0
20
40
60
80 100 120 140 150
20
40
60
80
100
120
Rthc-a = 0ºC/W
TYPICAL FORWARD CHARACTERISTIC
MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
Jan - 00


Similar Part No. - FB1005

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB100505G100 FRONTIER-FB100505G100 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB100505G102 FRONTIER-FB100505G102 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB100505G121 FRONTIER-FB100505G121 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB100505G152 FRONTIER-FB100505G152 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
More results

Similar Description - FB1005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
   1.5 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
   4 AMP Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
FBI4A5M1 ETC1-FBI4A5M1 Datasheet
32Kb / 2P
   4 Amp. Glass Passivated Bridge Rectifier
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
   8 Amp. Glass Passivated Bridge Rectifier
FBI4A7M1 ETC1-FBI4A7M1 Datasheet
32Kb / 2P
   4 Amp. Glass Passivated Bridge Rectifier
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
FB5000 ETC1-FB5000 Datasheet
27Kb / 2P
   50 Amp. Glass Passivated Bridge Rectifier
FB3500 ETC1-FB3500 Datasheet
35Kb / 2P
   35 Amp. Glass Passivated Bridge Rectifier
FB2506 ETC1-FB2506 Datasheet
188Kb / 2P
   25 Amp. Glass Passivated Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com