Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41C8512-35KI Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC41C8512-35KI
Description  512K x 8 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C8512-35KI Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IC41C8512-35KI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C8512-35KI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C8512-35KI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C8512-35KI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C8512-35KI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C8512-35KI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C8512-35KI Datasheet HTML 11Page - Integrated Circuit Solution Inc IC41C8512-35KI Datasheet HTML 12Page - Integrated Circuit Solution Inc IC41C8512-35KI Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
IC41C8512
IC41LV8512
Integrated Circuit Solution Inc.
9
DR029-0A 09/28/2001
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
35
-50
-60
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Units
tACH
Column-Address Setup Time to
CAS
15
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
10
15
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0—
0—
0—
ns
tDH
Data-In Hold Time(15, 22)
6—
8—
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
80
125
140
ns
tRWD
RAS to WE Delay Time during
45
70
80
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
25
34
36
ns
tAWD
Column-Address to
WE Delay Time(14)
30
42
49
ns
tPC
EDO Page Mode READ or WRITE
12
20
25
ns
Cycle Time(24)
tRASP
RAS Pulse Width in EDO Page Mode
35
100K
50
100K
50
100K
ns
tCPA
Access Time from
CAS Precharge(15)
—21
27
—34
ns
tPRWC
EDO Page Mode READ-WRITE
40
47
56
ns
Cycle Time(24)
tCOH
Data Output Hold after
CAS LOW
5—
5—
5—
ns
tOFF
Output Buffer Turn-Off Delay from
3
15
3
15
3
15
ns
CAS or RAS(13,15,19, 29)
tWHZ
Output Disable Delay from
WE
315
3
15
315
ns
tCLCH
Last
CAS going LOW to First CAS
10
10
10
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30, 20)
8—
10
10
ns
tCHR
CAS Hold Time (CBR REFRESH)(30, 21)
8—
10
10
ns
tORD
OE Setup Time prior to RAS during
0
0
0
ns
HIDDEN REFRESH Cycle
tREF
Refresh Period (512 Cycles)
8
8
8
ms
tT
Transition Time (Rise or Fall)(2, 3)
150
1
50
150
ns
AC TEST CONDITIONS
Output load:
Two TTL Loads and 50 pF (Vcc = 5.0V ±10%)
One TTL Load and 50 pF (Vcc = 3.3V ±10%)
Input timing reference levels: VIH = 2.4V, VIL = 0.8V (Vcc = 5.0V ±10%);
VIH = 2.0V, VIL = 0.8V (Vcc = 3.3V ±10%)
Output timing reference levels: VOH = 2.0V, VOL = 0.8V (Vcc = 5V ±10%, 3.3V ±10%)


Similar Part No. - IC41C8512-35KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
IC41C8513-35K ICSI-IC41C8513-35K Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
IC41C8513-35T ICSI-IC41C8513-35T Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
IC41C8513-50K ICSI-IC41C8513-50K Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
IC41C8513-50T ICSI-IC41C8513-50T Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
More results

Similar Description - IC41C8512-35KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C818H MOSEL-V53C818H Datasheet
231Kb / 18P
   HIGH PERFORMANCE 512K X 16 EDO PAGE MODE CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com