Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1698 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1698
Description  Isolated Secondary Synchronous Rectifier Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1698 Datasheet(HTML) 2 Page - Linear Technology

  LTC1698 Datasheet HTML 1Page - Linear Technology LTC1698 Datasheet HTML 2Page - Linear Technology LTC1698 Datasheet HTML 3Page - Linear Technology LTC1698 Datasheet HTML 4Page - Linear Technology LTC1698 Datasheet HTML 5Page - Linear Technology LTC1698 Datasheet HTML 6Page - Linear Technology LTC1698 Datasheet HTML 7Page - Linear Technology LTC1698 Datasheet HTML 8Page - Linear Technology LTC1698 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1698
1698f
(Note 1)
VDD, PWRGD ....................................................... 13.2V
Input Voltage
MARGIN, VFB, OVPIN, ISNSGND, ISNS ... –0.3V to 5.3V
SYNC ..................................................... – 14V to 14V
Output Voltage
VCOMP, ICOMP (Note 2)......................... –0.3V to 5.3V
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1698E (Note 3) ............................ – 40
°C to 85°C
LTC1698I ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC1698EGN
LTC1698ES
LTC1698IGN
LTC1698IS
TJMAX = 125°C, θJA = 130°C/W (GN)
TJMAX = 125°C, θJA = 110°C/W (SO)
GN PACKAGE
16-LEAD PLASTIC SSOP
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
VDD
CG
PGND
GND
OPTODRV
VCOMP
MARGIN
VFB
FG
SYNC
VAUX
ICOMP
ISNS
ISNSGND
PWRGD
OVPIN
The q indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 8V, unless otherwise noted. (Note 4)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
q
6
8
12.6
V
VUVLO
Undervoltage Lockout
4V
IVDD
VDD Supply Current
VFB, OVPIN, VISNS, VISNSGND = 0V,
CFG = CCG = 1000pF, CVAUX = 0.1µF,
VSYNC = 0V
q
1.8
4
mA
fSYNC = 100kHz (Note 5)
5.0
mA
MARGIN and Error Amplifier
VFB
Feedback Voltage
MARGIN = Open, VCOMP = 1V (Note 7)
1.223
1.233
1.243
V
q
1.215
1.233
1.251
V
IVFB
Feedback Input Current
VFB = 1.233V
q
0.05
1
µA
VMARGIN
MARGIN Voltage
MARGIN = Open
1.65
V
RMARGIN
MARGIN Input Resistance
16.5
k
∆VFB
Feedback Voltage Adjustment
VMARGIN = 3.3V
q
456
%
VMARGIN = 0V
q
–6
–5
–4
%
GERR
Error Amplifier Open-Loop DC Gain
VCOMP = 0.8V to 1.2V, Load = 2kΩ, 100pF
q
65
90
dB
BWERR
Error Amplifier Unity-Gain Bandwidth
No Load (Note 6)
2
MHz
VCLAMP
Error Amplifier Output Clamp Voltage
VFB = 0V
2
V
IVCOMP
Error Amplifier Source Current
VFB = 0V
q
–25
– 10
mA
Error Amplifier Sink Current
VFB = 5V, VCOMP = 1.233V
q
37
mA
OPTODRV
GOPTO
Opto Driver DC Gain
OVPIN, VISNS, VISNSGND = 0V
q
4.75
5
5.25
V/V
BWOPTO
Opto Driver Unity-Gain Bandwidth
No Load (Note 6)
1
MHz
VOPTOHIGH
Opto Driver Output High Voltage
VFB, OVPIN, VISNSGND = 0V, VISNS = – 50mV,
IOPTODRV = –10mA
q
45
V
IOPTOSC
Opto Driver Output Short-Circuit Current
OVPIN, VISNSGND, VISNS = 0V, VFB = 1.233V
q
–50
– 25
–10
mA
GN PART MARKING
1698
1698I


Similar Part No. - LTC1698

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1698 LINER-LTC1698_15 Datasheet
1Mb / 24P
   Isolated Secondary Synchronous Rectifier Controller
More results

Similar Description - LTC1698

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1698 LINER-LTC1698_15 Datasheet
1Mb / 24P
   Isolated Secondary Synchronous Rectifier Controller
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
   Secondary Side Synchronous Rectifier Controller
logo
ON Semiconductor
FAN6240 ONSEMI-FAN6240 Datasheet
521Kb / 10P
   Secondary-Side Synchronous Rectifier Controller Flyback Converters
July 2016 Rev. 1.0
FAN6241M6X ONSEMI-FAN6241M6X Datasheet
561Kb / 11P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
March, 2020 ??Rev. 1
FAN6250M6X ONSEMI-FAN6250M6X Datasheet
156Kb / 9P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
October, 2018 ??Rev. 0
FAN6292CMX ONSEMI-FAN6292CMX Datasheet
235Kb / 14P
   Secondary Side Synchronous Rectifier Controller for Flyback Converters
February, 2019 ??Rev. 1
logo
Semtech Corporation
SC4910A SEMTECH-SC4910A Datasheet
318Kb / 19P
   High Performance Secondary Side Controller with Synchronous Rectifier
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208_12 Datasheet
1Mb / 18P
   Secondary-Side Synchronous Rectifier Controller for LLC Topology
logo
Semtech Corporation
SC4910A SEMTECH-SC4910A_16 Datasheet
320Kb / 19P
   High Performance Secondary Side Controller with Synchronous Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com