Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931ADT-1-5.0 Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM2931ADT-1-5.0
Description  LOW DROPOUT VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931ADT-1-5.0 Datasheet(HTML) 5 Page - ON Semiconductor

  LM2931ADT-1-5.0 Datasheet HTML 1Page - ON Semiconductor LM2931ADT-1-5.0 Datasheet HTML 2Page - ON Semiconductor LM2931ADT-1-5.0 Datasheet HTML 3Page - ON Semiconductor LM2931ADT-1-5.0 Datasheet HTML 4Page - ON Semiconductor LM2931ADT-1-5.0 Datasheet HTML 5Page - ON Semiconductor LM2931ADT-1-5.0 Datasheet HTML 6Page - ON Semiconductor LM2931ADT-1-5.0 Datasheet HTML 7Page - ON Semiconductor LM2931ADT-1-5.0 Datasheet HTML 8Page - ON Semiconductor LM2931ADT-1-5.0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM2931 Series
5
MOTOROLA ANALOG IC DEVICE DATA
IO = 100 mA
IO = 10 mA
Vin, INPUT VOLTAGE (V)
–20
–10
0
10
20
30
40
50
60
0
1.0
2.0
3.0
4.0
5.0
6.0
Vout = 5.0 V
RL = 500 Ω
TA = 25°C
Vin, INPUT VOLTAGE (V)
50
150
250
350
0
5.0
10
15
20
25
30
TJ = –40°C
TJ = 25°C
TJ = 85°C
0
0
t, TIME (50 ms/DIV)
Vin, INPUT VOLTAGE (V)
0
1.0
2.0
3.0
4.0
5.0
6.0
0
1.0
2.0
3.0
4.0
5.0
6.0
TJ, JUNCTION TEMPERATURE (°C)
0
100
200
300
0
25
50
75
100
125
IO = 50 mA
IO, OUTPUT CURRENT (mA)
0
20
40
60
80
100
0
40
80
120
160
200
Vin = 14 V
∆Vout = 100 mV
TJ = 25°C
Vout = 5.0 V
RL = 50 Ω
CO = 100 µF
τ = 150 ms
TA = 25°C
VCC = 15 V
VFB1 = 5.05 V
Dashed lines below Vin = 5.0 V
are for Adjustable output devices only.
Figure 1. Dropout Voltage versus Output Current
Figure 2. Dropout Voltage versus
Junction Temperature
Figure 3. Peak Output Current versus Input Voltage
Figure 4. Output Voltage versus Input Voltage
Figure 5. Output Voltage versus Input Voltage
Figure 6. Load Dump Characteristics
Vin = 14 V
∆Vout = 100 mV
Vout = 5.0 V
TA = 25°C
RL = 50 Ω
IO = 100 mA


Similar Part No. - LM2931ADT-1-5.0

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2931ADT-1-5.0 MOTOROLA-LM2931ADT-1-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
More results

Similar Description - LM2931ADT-1-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com