Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41LV8512-50KI Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC41LV8512-50KI
Description  512K x 8 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV8512-50KI Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC41LV8512-50KI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV8512-50KI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV8512-50KI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV8512-50KI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV8512-50KI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV8512-50KI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV8512-50KI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV8512-50KI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV8512-50KI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
IC41C8512
IC41LV8512
2
Integrated Circuit Solution Inc.
DR029-0A 09/28/2001
FEATURES
• Extended Data-Out (EDO) Page Mode access cycle
• TTL compatible inputs and outputs; tristate I/O
• Refresh Interval: 1024 cycles /16 ms
• Refresh Mode:
RAS-Only, CAS-before-RAS (CBR),
Hidden
• Single power supply:
5V ± 10% (IC41C8512)
3.3V ± 10% (IC41LV8512)
• Industrail Temperature Range -40oC to 85oC
DESCRIPTION
The
ICSI IC41C8512 and IC41LV8512 is a 524,288 x 8-bit high-
performance CMOS Dynamic Random Access Memories. The
IC41C8512 offer an accelerated cycle access called EDO Page
Mode. EDO Page Mode allows 1024 random accesses within
a single row with access cycle time as short as 12 ns per 8-bit
word.
These features make the IC41C8512and IC41LV8512 ideally
suited for, digital signal processing, high-performance audio
systems, and peripheral applications.
The IC41C8512 is packaged in a 28-pin 400mil SOJ and 400mil
TSOP-2.
512K x 8 (4-MBIT) DYNAMIC RAM
WITH EDO PAGE MODE
KEY TIMING PARAMETERS
Parameter
-35
-50
-60
Unit
Max.
RAS Access Time (tRAC)
355060
ns
Max.
CAS Access Time (tCAC)
101415
ns
Max. Column Address Access Time (tAA)
182530
ns
Min. EDO Page Mode Cycle Time (tPC)
122025
ns
Min. Read/Write Cycle Time (tRC)
60
90
110
ns
PIN DESCRIPTIONS
A0-A9
Address Inputs
I/O0-7
Data Inputs/Outputs
WE
Write Enable
OE
Output Enable
RAS
Row Address Strobe
CAS
Column Address Strobe
Vcc
Power
GND
Ground
NC
No Connection
PIN CONFIGURATION
28 Pin SOJ, TSOP-2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
I/O0
I/O1
I/O2
I/O3
NC
WE
RAS
A9
A0
A1
A2
A3
VCC
GND
I/O7
I/O6
I/O5
I/O4
CAS
OE
NC
A8
A7
A6
A5
A4
GND


Similar Part No. - IC41LV8512-50KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV8513 ICSI-IC41LV8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
IC41LV8513-35K ICSI-IC41LV8513-35K Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
IC41LV8513-35T ICSI-IC41LV8513-35T Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
IC41LV8513-50K ICSI-IC41LV8513-50K Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
IC41LV8513-50T ICSI-IC41LV8513-50T Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
More results

Similar Description - IC41LV8512-50KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41C8512 ICSI-IS41C8512 Datasheet
201Kb / 18P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C85120 ISSI-IS41C85120 Datasheet
145Kb / 19P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV85120B ISSI-IS41LV85120B Datasheet
126Kb / 21P
   512K x 8 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C818H MOSEL-V53C818H Datasheet
231Kb / 18P
   HIGH PERFORMANCE 512K X 16 EDO PAGE MODE CMOS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com