Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2710M Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2710M
Description  ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2710M Datasheet(HTML) 3 Page - New Japan Radio

  NJM2710M Datasheet HTML 1Page - New Japan Radio NJM2710M Datasheet HTML 2Page - New Japan Radio NJM2710M Datasheet HTML 3Page - New Japan Radio NJM2710M Datasheet HTML 4Page - New Japan Radio NJM2710M Datasheet HTML 5Page - New Japan Radio NJM2710M Datasheet HTML 6Page - New Japan Radio NJM2710M Datasheet HTML 7Page - New Japan Radio NJM2710M Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NJM2710
- 3 -
s
s
s
s
Note:
non-inverting amplifier
1.The closed gain should be 6dB or higher to prevent the oscillation.
Unity gain follower application may cause the oscillation.
2.When the closed gain is lower than 20dB, use a compensation capacitor (CF: about 5pF),
parallel with the feedback resistor RF to avoid oscillation.
3.Recommended feedback resistor is less than 2kΩ to keep the flatness of the frequency response.
4.Minimize the load capacitor for the better performance.
A large load capacitor CL reduces the frequency response and causes oscillation or ringing.
inverting amplifier
1.When the closed gain is lower than 20dB, use a compensation capacitor
(CF; recommended from 1pF to 5pF), parallel with the feedback resistor RF to avoid oscillation.
2.Minimize the feedback resistor to keep the frequency response and the slew rate.
(recommended about 1k-ohom)
The proper compensation capacitor CF can counteract oscillation even with a large feedback resistor RF.
3.Total load capacitance should be not more than 100pF.
The oscillation margin may be affected by the total load capacitance.
CF
RG
RF
DUT
CL
RL
non-inverting amplifier
inverting amplifier
RG
RF
CF
DUT
CL
RL


Similar Part No. - NJM2710M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2711 NJRC-NJM2711 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2711F NJRC-NJM2711F Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
NJM2712 ETC1-NJM2712 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2712 NJRC-NJM2712 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
NJM2712M ETC1-NJM2712M Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - NJM2710M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NJM2712 ETC1-NJM2712 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2726 NJRC-NJM2726 Datasheet
92Kb / 3P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2711 NJRC-NJM2711 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2712 NJRC-NJM2712 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1191 LINER-LT1191 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1192 LINER-LT1192 Datasheet
959Kb / 12P
   Ultra High Speed Operational Amplifier???
logo
New Japan Radio
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com