Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S32400L-7BG Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC42S32400L-7BG
Description  1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S32400L-7BG Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC42S32400L-7BG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S32400L-7BG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S32400L-7BG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S32400L-7BG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S32400L-7BG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S32400L-7BG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S32400L-7BG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S32400L-7BG Datasheet HTML 9Page - Integrated Circuit Solution Inc IC42S32400L-7BG Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
IC42S32400
IC42S32400L
6
Integrated Circuit Solution Inc.
DR038-0C 02/01/2005
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CLK.Table 2 shows the truth
table for the operation commands.
Table 2.Truth Table (Note (1),(2))
Note:
1. V =Valid,X =Don ’t care,L =Logic low,H =Logic high
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by BS signal.
4. Device state is 1,2,4,8,and full page burst operation.
5. Power Down Mode can not enter in the burst operation.
When this command is asserted in the burst cycle,device state is clock suspend mode.
6. DQM0-3
Command
State
CKEn-1 CKE
DQM(6) BS0,1
A10 A11,A9-0
CS# RAS# CAS# WE#
BankActivate
Idle (3)
H
X
X
V
Row address
L
L
H
H
BankPrecharge
Any
H
X
X
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
H
X
L
L
H
L
Write
Active (3)
HX
X
V
L
L
H
L
L
Write and Auto Precharge Active (3)
HX
X
V
H
L
H
L
L
Read
Active (3)
HX
X
V
L
L
H
L
H
Read and Autoprecharge
Active (3)
HX
X
V
H
L
H
L
H
Mode Register
Set Idle
H
X
X
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
L
H
H
H
Burst Stop
Active(4)
HX
X
X
X
X
L
H
H
L
Device Deselect
Any
H
X
X
X
X
X
H
X
X
X
AutoRefresh
Idle
H
H
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
L
L
L
H
SelfRefresh Exit
Idle
L
H
X
X
X
X
H
X
X
X
(SelfRefresh)
L
H
H
H
Clock Suspend Mode Entry Active
H
L
X
X
X
X
X
X
X
X
Power Down Mode Entry
Any(5)
HL
X
X
X
X
H
X
X
X
LH
H
H
Clock Suspend Mode Exit Active
L
H
X
X
X
X
X
X
X
X
Power Down Mode Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Data Write/Output Enable Active
H
X
L
X
X
X
X
X
X
X
Data Mask/Output Disable Active
H
X
H
X
X
X
X
X
X
X
Column
address
(A0 ~A7)
Column
address
(A0 ~A7)


Similar Part No. - IC42S32400L-7BG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6B ICST-IC42S32200/L-6B Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BG ICST-IC42S32200/L-6BG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BI ICST-IC42S32200/L-6BI Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BIG ICST-IC42S32200/L-6BIG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S32400L-7BG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC43R32400 ICSI-IC43R32400 Datasheet
3Mb / 18P
   1M x 32 Bit x 4 Banks (128-MBIT) DDR SDRAM
logo
Winbond
W9812G2KB-6I-TR WINBOND-W9812G2KB-6I-TR Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9812G2KB WINBOND-W9812G2KB Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S32202L ICSI-IC42S32202L Datasheet
748Kb / 62P
   512K x 32 Bit x 4 Banks (64-MBIT) SDRAM
IC42S32800 ICSI-IC42S32800 Datasheet
857Kb / 62P
   2M x 32 Bit x 4 Banks (256-MBIT) SDRAM
IC42S16400 ICSI-IC42S16400 Datasheet
1Mb / 68P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
IC42S16400A ICSI-IC42S16400A Datasheet
1Mb / 67P
   1M x 16Bit x 4 Banks (64-MBIT) SDRAM
logo
Elite Semiconductor Mem...
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_09 Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com