Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6846LDZ Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SG6846LDZ
Description  Highly-Integrated Green-Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SG6846LDZ Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SG6846LDZ Datasheet HTML 4Page - List of Unclassifed Manufacturers SG6846LDZ Datasheet HTML 5Page - List of Unclassifed Manufacturers SG6846LDZ Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6846LDZ Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6846LDZ Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6846LDZ Datasheet HTML 9Page - List of Unclassifed Manufacturers SG6846LDZ Datasheet HTML 10Page - List of Unclassifed Manufacturers SG6846LDZ Datasheet HTML 11Page - List of Unclassifed Manufacturers SG6846LDZ Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Product Specification
Highly-Integrated Green-Mode PWM Controller
SG6846
© System General Corp.
- 8 -
www.sg.com.tw
Version 1.0(IAO33.0008.B0)
Sep. 30, 2004
PWM Frequency vs Temperature
64.600
64.700
64.800
64.900
65.000
65.100
65.200
65.300
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)
Current-limit Threshold vs VIN Voltage
0
0.2
0.4
0.6
0.8
1
1
1.522.5
3
VIN (V)
Output Current of pin RT vs Temperature
70.000
71.000
72.000
73.000
74.000
75.000
76.000
77.000
78.000
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)
PWM Frequency vs FB Voltage (RI = 26KΩ)
0
20
40
60
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
VFB (V)
2/3 Current-limit Threshold vs VIN Voltage
0
0.2
0.4
0.6
0.8
1
1
1.522.5
3
VIN (V)
OTP Threshold Voltage vs Temperature
1.015
1.035
1.055
1.075
1.095
1.115
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (℃)


Similar Part No. - SG6846LDZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846 FAIRCHILD-SG6846 Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
SG6846ACSY FAIRCHILD-SG6846ACSY Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6846LDZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com