Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1310BV18 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1310BV18
Description  18-Mbit QDR-II SRAM 2-Word Burst Architecture
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1310BV18 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1310BV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1310BV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1310BV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1310BV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1310BV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1310BV18 Datasheet HTML 11Page - Cypress Semiconductor CY7C1310BV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1310BV18 Datasheet HTML 13Page - Cypress Semiconductor CY7C1310BV18 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CY7C1310BV18
CY7C1910BV18
CY7C1312BV18
CY7C1314BV18
Document #: 38-05619 Rev. *D
Page 10 of 25
L
H
L-H During the Data portion of a Write sequence
:
CY7C1310BV18
− only the lower nibble (D
[3:0]) is written into the device. D[7:4] will
remain unaltered,
CY7C1312BV18
− only the lower byte (D
[8:0]) is written into the device. D[17:9] will
remain unaltered.
H
L
L-H
During the Data portion of a Write sequence
:
CY7C1310BV18
− only the upper nibble (D
[7:4]) is written into the device. D[3:0] will
remain unaltered,
CY7C1312BV18
− only the upper byte (D
[17:9]) is written into the device. D[8:0] will
remain unaltered.
H
L
L-H During the Data portion of a Write sequence
:
CY7C1310BV18
− only the upper nibble (D
[7:4]) is written into the device. D[3:0] will
remain unaltered,
CY7C1312BV18
− only the upper byte (D
[17:9]) is written into the device. D[8:0] will
remain unaltered.
H
H
L-H
No data is written into the devices during this portion of a Write operation.
H
H
L-H No data is written into the devices during this portion of a Write operation.
Write Cycle Descriptions (CY7C1314BV18) [2, 8]
BWS0 BWS1 BWS2 BWS3
KK
Comments
L
L
L
L
L-H
-
During the Data portion of a Write sequence, all four bytes (D[35:0]) are written
into the device.
L
L
L
L
-
L-H During the Data portion of a Write sequence, all four bytes (D[35:0]) are written
into the device.
L
H
H
H
L-H
-
During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written
into the device. D[35:9] will remain unaltered.
L
H
H
H
-
L-H During the Data portion of a Write sequence, only the lower byte (D[8:0]) is written
into the device. D[35:9] will remain unaltered.
H
L
H
H
L-H
-
During the Data portion of a Write sequence, only the byte (D[17:9]) is written into
the device. D[8:0] and D[35:18] will remain unaltered.
H
L
H
H
-
L-H During the Data portion of a Write sequence, only the byte (D[17:9]) is written into
the device. D[8:0] and D[35:18] will remain unaltered.
H
H
L
H
L-H
-
During the Data portion of a Write sequence, only the byte (D[26:18]) is written into
the device. D[17:0] and D[35:27] will remain unaltered.
H
H
L
H
-
L-H During the Data portion of a Write sequence, only the byte (D[26:18]) is written into
the device. D[17:0] and D[35:27] will remain unaltered.
H
H
H
L
L-H
During the Data portion of a Write sequence, only the byte (D[35:27]) is written into
the device. D[26:0] will remain unaltered.
H
H
H
L
-
L-H During the Data portion of a Write sequence, only the byte (D[35:27]) is written into
the device. D[26:0] will remain unaltered.
H
H
H
H
L-H
-
No data is written into the device during this portion of a Write operation.
H
H
H
H
-
L-H No data is written into the device during this portion of a Write operation.
Write Cycle Descriptions (CY7C1910BV18)
BWS0
KK
Comments
L
L-H
During the Data portion of a Write sequence
:
CY7C1910BV18
− the single byte (D
[8:0]) is written into the device
L
L-H
During the Data portion of a Write sequence
:
CY7C1910BV18
− the single byte (D
[8:0]) is written into the device,
H
L-H
No data is written into the devices during this portion of a Write operation.
H
L-H
No data is written into the devices during this portion of a Write operation.
Write Cycle Descriptions (CY7C1310BV18 and CY7C1312BV18)[2,8] (continued)
BWS0/NWS0
BWS1/NWS1
KK
Comments
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1310BV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310BV18-167BZC CYPRESS-CY7C1310BV18-167BZC Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310BV18-167BZI CYPRESS-CY7C1310BV18-167BZI Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310BV18-167BZXC CYPRESS-CY7C1310BV18-167BZXC Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310BV18-167BZXI CYPRESS-CY7C1310BV18-167BZXI Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
More results

Similar Description - CY7C1310BV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1310BV18 CYPRESS-CY7C1310BV18_07 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1310JV18 CYPRESS-CY7C1310JV18 Datasheet
639Kb / 26P
   18 Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18 Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_06 Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311CV18 CYPRESS-CY7C1311CV18 Datasheet
695Kb / 31P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_11 Datasheet
1Mb / 32P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311JV18 CYPRESS-CY7C1311JV18 Datasheet
689Kb / 27P
   18-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com