Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7B9910-5SC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7B9910-5SC
Description  Low Skew Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9910-5SC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7B9910-5SC Datasheet HTML 1Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 2Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 3Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 4Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 5Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 6Page - Cypress Semiconductor CY7B9910-5SC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY7B9910
CY7B9920
3
IOS
Output Short Circuit
Current[2]
VCC = Max., VOUT
= GND (25
°C only)
–250
N/A
mA
ICCQ
Operating Current Used by
Internal Circuitry
VCCN=VCCQ=Max.,
All Input
Selects Open
Com’l
85
85
mA
Mil/Ind
90
90
ICCN
Output Buffer Current per
Output Pair[3]
VCCN = VCCQ = Max.,
IOUT = 0 mA
Input Selects Open, fMAX
14
19
mA
PD
Power Dissipation per
Output Pair[4]
VCCN = VCCQ = Max.,
IOUT = 0 mA
Input Selects Open, fMAX
78
104[5]
mW
Electrical Characteristics Over the Operating Range (continued)
CY7B9910
CY7B9920
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Unit
Capacitance[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz, VCC = 5.0V
10
pF
Notes:
1.
These inputs are normally wired to VCC, GND, or left unconnected (actual threshold voltages vary as a percentage of VCC). Internal termination resistors hold unconnected
inputs at VCC/2. If these inputs are switched, the function and timing of the outputs may glitch and the PLL may require an additional tLOCK time before all data sheet limits are
achieved.
2.
Tested one output at a time, output shorted for less than one second, less than 10% duty cycle. Room temperature only. CY7B9920 outputs are not short
circuit protected.
3.
Total output current per output pair can be approximated by the following expression that includes device current plus load current:
CY7B9910:
ICCN = [(4 + 0.11F) + [((835 – 3F)/Z) + (.0022FC)]N] x 1.1
CY7B9920:
ICCN = [(3.5+ .17F) + [((1160 – 2.8F)/Z) + (.0025FC)]N] x 1.1
Where
F = frequency in MHz
C = capacitive load in pF
Z = line impedance in ohms
N = number of loaded outputs; 0, 1, or 2
FC = F
< C
4.
Total power dissipation per output pair can be approximated by the following expression that includes device power dissipation plus power dissipation due to
the load circuit:
CY7B9910:
PD = [(22 + 0.61F) + [((1550 – 2.7F)/Z) + (.0125FC)]N] x 1.1
CY7B9920:
PD = [(19.25+ 0.94F) + [((700 + 6F)/Z) + (.017FC)]N] x 1.1
See note 3 for variable definition.
5.
CMOS output buffer current and power dissipation specified at 50-MHz reference frequency.
6.
Applies to REF and FB inputs only. Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
7B9910–3
7B9910–4
TTL AC Test Load (CY7B9910)
TTL Input Test Waveform (Cy7B9910)
5V
R1
R2
CL
R1
R2
CL
7B9910–5
CMOS AC Test Load (CY7B9920)
3.0V
2.0V
Vth =1.5V
0.8V
0.0V
≤1ns
≤1ns
2.0V
0.8V
Vth =1.5V
80%
Vth =VCC/2
20%
0.0V
≤ 3ns
≤ 3ns
80%
20%
Vth =VCC/2
7B9910–6
CMOS Input Test Waveform (CY7B9920)
VCC
R1=130
R2=91
CL =50 pF (CL = 30pF for –5 and – 2 devices)
(Includes fixture and probe capacitance)
R1=100
R2=100
CL =50 pF (CL =30 pF for –5 and – 2devices)
(Includes fixture and probe capacitance)
VCC


Similar Part No. - CY7B9910-5SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9910-5SC CYPRESS-CY7B9910-5SC Datasheet
371Kb / 11P
   Low Skew Clock Buffer
CY7B9910-5SCT CYPRESS-CY7B9910-5SCT Datasheet
371Kb / 11P
   Low Skew Clock Buffer
More results

Similar Description - CY7B9910-5SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
List of Unclassifed Man...
FS6050 ETC1-FS6050 Datasheet
386Kb / 19P
   LOW-SKEW CLOCK FANOUT BUFFER ICs
logo
Cypress Semiconductor
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V_07 Datasheet
382Kb / 14P
   Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com