Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM323AT Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM323AT
Description  3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM323AT Datasheet(HTML) 3 Page - ON Semiconductor

  LM323AT Datasheet HTML 1Page - ON Semiconductor LM323AT Datasheet HTML 2Page - ON Semiconductor LM323AT Datasheet HTML 3Page - ON Semiconductor LM323AT Datasheet HTML 4Page - ON Semiconductor LM323AT Datasheet HTML 5Page - ON Semiconductor LM323AT Datasheet HTML 6Page - ON Semiconductor LM323AT Datasheet HTML 7Page - ON Semiconductor LM323AT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM323, A
3
MOTOROLA ANALOG IC DEVICE DATA
1.0k
Q2
Q1
Q20
210
Q21
100
Q22
6.7V
16k
Q9
Q8
300
Q3
10k
Q4
Q5
Q10
1.0k
Q24
200
Q25
Q27
Q26
3.0k
5.6k
Q16
Q19
10pF
Q23
300
13
0.12
200
Output
50
520
Q12
2.6k
2.0k
3.9k
Q13
Q14
6.0k
Q11
Q6
Q7
40pF
Q15
2.8k
7.2k
840
1.7k
Gnd
Input
2
1.0k
6.0k
Representative Schematic Diagram
Q17
Q18
VOLTAGE REGULATOR PERFORMANCE
The performance of a voltage regulator is specified by its
immunity to changes in load, input voltage, power dissipation,
and temperature. Line and load regulation are tested with a
pulse of short duration (< 100
µs) and are strictly a function of
electrical gain. However, pulse widths of longer duration
(> 1.0 ms) are sufficient to affect temperature gradients
across the die. These temperature gradients can cause a
change in the output voltage, in addition to changes by line
and load regulation. Longer pulse widths and thermal
gradients make it desirable to specify thermal regulation.
Thermal regulation is defined as the change in output
voltage caused by a change in dissipated power for a
specified time, and is expressed as a percentage output
voltage change per watt. The change in dissipated power can
be caused by a change in either input voltage or the load
current. Thermal regulation is a function of IC layout and die
attach techniques, and usually occurs within 10 ms of a
change in power dissipation. After 10 ms, additional changes
in the output voltage are due to the temperature coefficient of
the device.
Figure 1 shows the line and thermal regulation response of
a typical LM323A to a 20 W input pulse. The variation of the
output voltage due to line regulation is labeled À and the
thermal regulation component is labeled Á. Figure 2 shows
the load and thermal regulation response of a typical LM323A
to a 20 W load pulse. The output voltage variation due to load
regulation is labeled À and the thermal regulation component
is labeled Á.
2
1
2
1
Figure 1. Line and Thermal Regulation
Figure 2. Load and Thermal Regulation
Vout = 5.0 V
Vin = 8.0 V → 18 V → 8.0 V
Iout = 2.0 A
= Regline = 2.4 mV
t, TIME (2.0 ms/DIV)
1
2
18 V
8.0 V
2
Vout = 5.0 V
Vin = 15 V
Iout = 0 A → 2.0 A → 0 A
= Regline = 5.4 mV
t, TIME (2.0 ms/DIV)
1
2
2.0
0
= Regtherm = 0.0015% VO/W
= Regtherm = 0.0015% VO/W
2


Similar Part No. - LM323AT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM323AT ONSEMI-LM323AT Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
More results

Similar Description - LM323AT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
MC78T00 MOTOROLA-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
   5-Volt 5-Amp Voltage Regulators
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Seme LAB
IP1R18A SEME-LAB-IP1R18A Datasheet
29Kb / 4P
   5 AMP POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
   5 AMP POSITIVE VOLTAGE REGULATORS
logo
Seme LAB
IP78M05ADP SEME-LAB-IP78M05ADP Datasheet
13Kb / 2P
   3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com