Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QA-1000HC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QA-1000HC
Description  Full Featured Programmable Analog Supply Current Monitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QA-1000HC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QA-1000HC Datasheet HTML 1Page - List of Unclassifed Manufacturers QA-1000HC Datasheet HTML 2Page - List of Unclassifed Manufacturers QA-1000HC Datasheet HTML 3Page - List of Unclassifed Manufacturers QA-1000HC Datasheet HTML 4Page - List of Unclassifed Manufacturers QA-1000HC Datasheet HTML 5Page - List of Unclassifed Manufacturers QA-1000HC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© Q-Star Test nv, 2003
Revision C - page 2 of 6
Due to continuous pursuit of innovation, the technical specifications listed are subject to change without notice.
QA-1000HC
ELECTRICAL SPECIFICATIONS
Measured at VDUT=+5.00V, VCC= +12.0V, VEE= -12.0V, T=20°C
SYMBOL PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Power Supply
VCC
Positive Supply Voltage
+11.5
+12
+16
V
VEE
Negative Supply Voltage
-11.5
-12
-16
V
ICCQ
Quiescent Supply Current
@ IDUT=0mA
+12
+40
mA
IEEQ
Quiescent Supply Current
@ IDUT=0mA
-12
-40
mA
Input Range
IDUT
DUT Supply Current
0
2
A
VDUT
DUT Supply Voltage
(1)
-7.0
+7.0
V
IVDUT
Input Bias Current
2
µA
DC Accuracy
∆I
DUT
Resolution
(2)
@ CL=100nF, f-3dB=50kHz
@ CL=100nF, f-3dB=500kHz
@ CL=100nF, f-3dB=5MHz
0.3
1
2
mARMS
mARMS
mARMS
Measurement Offset
2
5
mA
Gain error
0.1
0.5
%
I/V
I/V Conversion Ratio
2.5
mV/mA
AC Characteristics
IDUT –3dB bandwidth
@ CL=100nF, JP2,3=OFF
@ CL=100nF, JP2=ON, JP3=OFF
@ CL=100nF, JP2=OFF, JP3=ON
5000
500
50
kHz
kHz
kHz
SR
Slew Rate
@ CL=100nF, JP2,3=OFF
TBD
V/µs
THD
Total Harmonic Distortion
@ CL=100nF
TBD
dB
DUT Output
IDUT
DUT current
-2
2
A
CL
Loading Capacitance CL
0
100
uF
Internal Resistance
Between DUT & VDUT
25
m
DUT – VDUT voltage drop
@ IDUT=2A
50
mV
(1)
The VDUT pin must be permanently connected to a voltage source and must notbe left floating.
(2)
Considering clean supplies and no external noise pick up at VDUT/DUT terminals such as switching noise from ATE power
supply.
ABSOLUTE MAXIMUM RATINGS
Parameter
With Respect To
Min
Max
Units
VCC
GND
-0.3
+18
V
VEE
GND
-18
+0.3
V
VDUT
GND
-0.3
10
V
IDUT
GND
-3
3
A
Operating Temperature Range
0
+70
°C
Storage Temperature
-40
+80
°C
Lead Temperature (10sec)
(1)
+220
°C
(1) Manual soldering is recommended using standard eutectic Sn63Pb solder.
NOTE: Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.


Similar Part No. - QA-1000HC

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
QA-1400 HONEYWELL-ACC-QA-1400 Datasheet
51Kb / 2P
   Cost-effective inertial-grade sensor
QA-1500 HONEYWELL-ACC-QA-1500 Datasheet
90Kb / 2P
   High-g tactical navigation sensor
More results

Similar Description - QA-1000HC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Linear Integrated Syste...
LT3518HFE LINEAR-LT3518HFE Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
logo
Linear Technology
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com