Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMIC9835CY Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # IMIC9835CY
Description  Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IMIC9835CY Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button IMIC9835CY Datasheet HTML 2Page - Cypress Semiconductor IMIC9835CY Datasheet HTML 3Page - Cypress Semiconductor IMIC9835CY Datasheet HTML 4Page - Cypress Semiconductor IMIC9835CY Datasheet HTML 5Page - Cypress Semiconductor IMIC9835CY Datasheet HTML 6Page - Cypress Semiconductor IMIC9835CY Datasheet HTML 7Page - Cypress Semiconductor IMIC9835CY Datasheet HTML 8Page - Cypress Semiconductor IMIC9835CY Datasheet HTML 9Page - Cypress Semiconductor IMIC9835CY Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
C9835
Document #: 38-07303 Rev. **
Page 6 of 18
Clock Phase
Table 4. Group Timing Relationships and Tolerances
CPU = 66.6 MHz, SDRAM = 100 MHz
Offset (ns)
Tolerance (ps)
Conditions
CPU to SDRAM/DCLK
2.5
500
CPU to 3V66
7.5
500
180 degrees phase shift
SDRAM/DCLK to 3V66
0
500
When rising edges line up
3V66 to PCI
1.5–3.5
500
3V66 leads
PCI to IOAPIC
0
1000
48M (0,1)
Async
N/A
CPU = 100 MHz, SDRAM = 100 MHz
Offset (ns)
Tolerance (ps)
Conditions
CPU to SDRAM/DCLK
5
500
180 degrees phase shift
CPU to 3V66
5
500
CPU leads
SDRAM/DCLK to 3V66
0
500
When rising edges line up
3V66 to PCI
1.5–3.5
500
3V66 leads
PCI to IOAPIC
0
1000
48M (0,1)
Async
N/A
CPU = 133.3 MHz, SDRAM = 100 MHz
Offset(ns)
Tolerance(ps)
Conditions
CPU to SDRAM/DCLK
0
500
When rising edges line up
CPU to 3V66
0
500
SDRAM/DCLK to 3V66
0
500
When rising edges line up
3V66 to PCI
1.5–3.5
500
3V66 leads
PCI to IOAPIC
0
1000
48M (0,1)
Async
N/A
0ns
10ns
20ns
30ns
40ns
66MHz
100MHz
133MHz
CPU CLOCK
DCLK/SDRAM CLOCK
3V66 CLOCK
PCI CLOCK
100MHz
66MHz
33MHz
CPU CLOCK
CPU CLOCK
1.5ns~3.5
Sync
7.5ns
5ns
5ns
2.5ns
IOAPIC CLOCK
33MHz
DCLK/SDRAM CLOCK 133MHz
0ns
0nS
0ns
3.75ns
3.75ns
0ns
Figure 4.


Similar Part No. - IMIC9835CY

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IMIC9530CT CYPRESS-IMIC9530CT Datasheet
263Kb / 11P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
IMIC9530CT SILABS-IMIC9530CT Datasheet
154Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Cypress Semiconductor
IMIC9530CTT CYPRESS-IMIC9530CTT Datasheet
263Kb / 11P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
IMIC9530CTT SILABS-IMIC9530CTT Datasheet
154Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Cypress Semiconductor
IMIC9530CY CYPRESS-IMIC9530CY Datasheet
263Kb / 11P
   PCIX I/O System Clock Generator with EMI Control Features
More results

Similar Description - IMIC9835CY

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com