Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9835CT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # C9835CT
Description  Low-EMI Clock Generator for Intel Mobile 133-MHz/3 SO-DIMM Chipset Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9835CT Datasheet(HTML) 3 Page - Cypress Semiconductor

  C9835CT Datasheet HTML 1Page - Cypress Semiconductor C9835CT Datasheet HTML 2Page - Cypress Semiconductor C9835CT Datasheet HTML 3Page - Cypress Semiconductor C9835CT Datasheet HTML 4Page - Cypress Semiconductor C9835CT Datasheet HTML 5Page - Cypress Semiconductor C9835CT Datasheet HTML 6Page - Cypress Semiconductor C9835CT Datasheet HTML 7Page - Cypress Semiconductor C9835CT Datasheet HTML 8Page - Cypress Semiconductor C9835CT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
C9835
Document #: 38-07303 Rev. **
Page 3 of 18
Power Management Functions
Power management on this device is controlled by the PD#,
CPU_STP# and PCI_STP# pins. When PD# is high (default)
the device is in normal running mode and all signals are active.
The PD# signal is used to bring all clocks to a low level in an
orderly fashion prior to power (all except AVDD) being
removed from the part. When PD# is asserted (forced) low, the
device transitions to a shutdown (power down) mode and all
power supplies (3.3V and 2.5V except for AVDD) may then be
removed. When PD# is sampled low by two consecutive rising
edges of the CPU clock, then all affected clocks are stopped
in a low state on their next high-to-low transition. The REF and
USB clocks are stopped in a low state as soon as possible.
When in power down (and before power is removed), all
outputs are synchronously stopped in a low state (see
Figure 1), all PLLs are shut off, and the crystal oscillator is
disabled. When the device is shutdown, the I²C function is
also disabled.
At power-up, using the PD# select pin, all clocks are started in
such a manner as to guarantee a glitch-free operation, no
partial clock pulses.
Notes:
4.
Extended frequencies are only available via SMBUS interface. They are accessable via SMBUS Byte 5 bits 0,1.
5.
48M(0,1) clocks are constant at 48 MHz and REF is constant at 14.31818 MHz for all table selections.
6.
Will be set to 133 MHz and boosted accordingly, when Byte3,Bit 0 is set to logic 1.
Table 2. Expanded Frequency Selection (MHz)[4, 5, 6]
TEST#
ESEL
ESEL
SEL
SEL
CPU(0:2)
SDRAM(0:5),
DCLK
3V66(0:2)
PCI_F,
PCI(1:6)
Notes
1
0
0
0
0
66.7
100[6]
66.6
33
0% extension
(Default)
00
01
100
100[6]
66.6
33
0
0
1
0
133.3
133.3
66.6
33
0
0
1
1
133.3
100[6]
66.6
33
01
00
70
105[6]
70
35
5% extension
01
01
105
105[6]
70
35
0
1
1
0
140
140
70
35
01
11
140
105[6]
70
35
10
00
73.3
110[6]
73.3
36.6
10% extension
10
01
110
110[6]
73.3
36.6
1
0
1
0
146.7
146.7
73.3
36.6
1
0
1
1
146.7
110[6]
73.3
36.6
11
00
80
120[6]
80
40
20% extension
11
01
120
120[6]
80
40
1
1
1
0
160
160
80
40
11
11
160
120[6]
80
40


Similar Part No. - C9835CT

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C983 PERKINELMER-C983 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
C983P PERKINELMER-C983P Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
More results

Similar Description - C9835CT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Pericom Semiconductor C...
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com