Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L88RGN-XE Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L88RGN-XE
Description  8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L88RGN-XE Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP87L88RGN-XE Datasheet HTML 7Page - National Semiconductor (TI) COP87L88RGN-XE Datasheet HTML 8Page - National Semiconductor (TI) COP87L88RGN-XE Datasheet HTML 9Page - National Semiconductor (TI) COP87L88RGN-XE Datasheet HTML 10Page - National Semiconductor (TI) COP87L88RGN-XE Datasheet HTML 11Page - National Semiconductor (TI) COP87L88RGN-XE Datasheet HTML 12Page - National Semiconductor (TI) COP87L88RGN-XE Datasheet HTML 13Page - National Semiconductor (TI) COP87L88RGN-XE Datasheet HTML 14Page - National Semiconductor (TI) COP87L88RGN-XE Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Timers (Continued)
TIMER T1 TIMER T2 AND TIMER T3
The devices have a set of three powerful timercounter
blocks T1 T2 and T3 The associated features and func-
tioning of a timer block are described by referring to the
timer block Tx Since the three timer blocks T1 T2 and T3
are identical all comments are equally applicable to any of
the three timer blocks
Each timer block consists of a 16-bit timer Tx and two
supporting 16-bit autoreloadcapture registers RxA and
RxB Each timer block has two pins associated with it TxA
and TxB The pin TxA supports IO required by the timer
block while the pin TxB is an input to the timer block The
powerful and flexible timer block allows the device to easily
perform all timer functions with minimal software overhead
The timer block has three operating modes Processor Inde-
pendent PWM mode External Event Counter mode and
Input Capture mode
The control bits TxC3 TxC2 and TxC1 allow selection of
the different modes of operation
Mode 1 Processor Independent PWM Mode
As the name suggests this mode allows the device to gen-
erate a PWM signal with very minimal user intervention The
user only has to define the parameters of the PWM signal
(ON time and OFF time) Once begun the timer block will
continuously generate the PWM signal completely indepen-
dent of the microcontroller The user software services the
timer block only when the PWM parameters require updat-
ing
In this mode the timer Tx counts down at a fixed rate of tc
Upon every underflow the timer is alternately reloaded with
the contents of supporting registers RxA and RxB The very
first underflow of the timer causes the timer to reload from
the register RxA Subsequent underflows cause the timer to
be reloaded from the registers alternately beginning with the
register RxB
The Tx Timer control bits TxC3 TxC2 and TxC1 set up the
timer for PWM mode operation
Figure 8 shows a block diagram of the timer in PWM mode
The underflows can be programmed to toggle the TxA out-
put pin The underflows can also be programmed to gener-
ate interrupts
Underflows from the timer are alternately latched into two
pending flags TxPNDA and TxPNDB The user must reset
these pending flags under software control Two control en-
able flags TxENA and TxENB allow the interrupts from the
timer underflow to be enabled or disabled Setting the timer
enable flag TxENA will cause an interrupt when a timer un-
derflow causes the RxA register to be reloaded into the tim-
er Setting the timer enable flag TxENB will cause an inter-
rupt when a timer underflow causes the RxB register to be
reloaded into the timer Resetting the timer enable flags will
disable the associated interrupts
Either or both of the timer underflow interrupts may be en-
abled This gives the user the flexibility of interrupting once
per PWM period on either the rising or falling edge of the
PWM output Alternatively the user may choose to interrupt
on both edges of the PWM output
TLDD12860 – 10
FIGURE 8 Timer in PWM Mode
Mode 2 External Event Counter Mode
This mode is quite similar to the processor independent
PWM mode described above The main difference is that
the timer Tx is clocked by the input signal from the TxA pin
The Tx timer control bits TxC3 TxC2 and TxC1 allow the
timer to be clocked either on a positive or negative edge
from the TxA pin Underflows from the timer are latched into
the TxPNDA pending flag Setting the TxENA control flag
will cause an interrupt when the timer underflows
In this mode the input pin TxB can be used as an indepen-
dent positive edge sensitive interrupt input if the TxENB
control flag is set The occurrence of a positive edge on the
TxB input pin is latched into the TxPNDB flag
Figure 9 shows a block diagram of the timer in External
Event Counter mode
Note
The PWM output is not available in this mode since the TxA pin is
being used as the counter input clock
TLDD12860 – 11
FIGURE 9 Timer in External Event Counter Mode
Mode 3 Input Capture Mode
The device can precisely measure external frequencies or
time external events by placing the timer block Tx in the
input capture mode
In this mode the timer Tx is constantly running at the fixed
tc rate The two registers RxA and RxB act as capture
registers Each register acts in conjunction with a pin The
register RxA acts in conjunction with the TxA pin and the
register RxB acts in conjunction with the TxB pin
http
www nationalcom
11


Similar Part No. - COP87L88RGN-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88RB NSC-COP87L88RB Datasheet
814Kb / 72P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory, CAN Interface, 8-Bit A/D, and USART
COP87L88RD NSC-COP87L88RD Datasheet
422Kb / 39P
   8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory and 8-Channel A/D with Prescaler
COP87L88RK NSC-COP87L88RK Datasheet
515Kb / 41P
   8-Bit CMOS OTP Microcontrollers with 8k or 32k Memory, Comparator, and Single-slope A/D Capability
COP87L88RW NSC-COP87L88RW Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
COP87L88RWV-XE NSC-COP87L88RWV-XE Datasheet
419Kb / 42P
   8-Bit One-Time Programmable OTP Microcontroller with Pulse Train Generators and Capture Modules
More results

Similar Description - COP87L88RGN-XE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L84RG NSC-COP87L84RG Datasheet
431Kb / 40P
   8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
COP8782C NSC-COP8782C Datasheet
398Kb / 28P
   8-Bit One-Time Programmable (OTP) Microcontroller
COP87L88CL NSC-COP87L88CL Datasheet
385Kb / 34P
   8-Bit One-Time Programmable OTP Microcontroller
logo
NXP Semiconductors
PCD3745A PHILIPS-PCD3745A Datasheet
156Kb / 32P
   8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
1999 Feb 02
logo
Intel Corporation
M87C51 INTEL-M87C51 Datasheet
1Mb / 13P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 4 KBYTES OF EPROM PROGRAM MEMORY
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Xilinx, Inc
XC1700E XILINX-XC1700E_1 Datasheet
264Kb / 13P
   One-time programmable (OTP) read-only memory
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
National Semiconductor ...
COP87L88KG NSC-COP87L88KG Datasheet
443Kb / 42P
   8-Bit One-Time Programmable (OTP) Microcontroller with UART and Three Multi-Function Timers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com