Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1808SA101ZAT1A Datasheet(PDF) 1 Page - AVX Corporation

Part # 1808SA101ZAT1A
Description  High Voltage MLC Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1808SA101ZAT1A Datasheet(HTML) 1 Page - AVX Corporation

  1808SA101ZAT1A Datasheet HTML 1Page - AVX Corporation 1808SA101ZAT1A Datasheet HTML 2Page - AVX Corporation 1808SA101ZAT1A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 1808SA101ZAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1808SA101JA11A AVX-1808SA101JA11A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1808SA101JA11A AVX-1808SA101JA11A Datasheet
118Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Application
1808SA101JA13A AVX-1808SA101JA13A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1808SA101JA19A AVX-1808SA101JA19A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1808SA101JAT1A AVX-1808SA101JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1808SA101ZAT1A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206CC153KAT1A AVX-1206CC153KAT1A Datasheet
118Kb / 2P
   High Voltage MLC Chips
1206GC102KAT1A AVX-1206GC102KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812AA102JAT1A AVX-1812AA102JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812GC102KAT1A AVX-1812GC102KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206GC102KAT2A AVX-1206GC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1206AC102KAT2A AVX-1206AC102KAT2A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1808GC222KAT1A AVX-1808GC222KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
1812HA101JAT1A AVX-1812HA101JAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com