Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNA58160 Datasheet(PDF) 5 Page - International Rectifier

Part # IRHNA58160
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNA58160 Datasheet(HTML) 5 Page - International Rectifier

  IRHNA58160 Datasheet HTML 1Page - International Rectifier IRHNA58160 Datasheet HTML 2Page - International Rectifier IRHNA58160 Datasheet HTML 3Page - International Rectifier IRHNA58160 Datasheet HTML 4Page - International Rectifier IRHNA58160 Datasheet HTML 5Page - International Rectifier IRHNA58160 Datasheet HTML 6Page - International Rectifier IRHNA58160 Datasheet HTML 7Page - International Rectifier IRHNA58160 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
IRHNA57160, JANSR2N7469U2
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
0
2000
4000
6000
8000
10000
V
, Drain-to-Source Voltage (V)
DS
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GS
iss
gs
gd ,
ds
rss
gd
oss
ds
gd
Crss
Coss
Ciss
0
40
80
120
160
200
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
75A
V
= 20V
DS
V
= 50V
DS
V
= 80V
DS
0.1
1
10
100
1000
0.2
0.6
1.0
1.4
1.8
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
Pre-Irradiation
45A
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
100us
1ms
10ms
Tc = 25°C
Tj = 150°C
Single Pulse
OPERATION IN THIS AREA LIMITED
BY R DS(ON)


Similar Part No. - IRHNA58160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA58064 IRF-IRHNA58064 Datasheet
180Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA58064 IRF-IRHNA58064 Datasheet
185Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA58260 IRF-IRHNA58260 Datasheet
107Kb / 8P
   200V, N-CHANNEL
IRHNA58Z60 IRF-IRHNA58Z60 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET
More results

Similar Description - IRHNA58160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHNA597260 IRF-IRHNA597260 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA3160 IRF-IRHNA3160 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA67264 IRF-IRHNA67264 Datasheet
188Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHE57133SE IRF-IRHE57133SE Datasheet
176Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-2)
IRHNA597Z60 IRF-IRHNA597Z60 Datasheet
195Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA57064 IRF-IRHNA57064 Datasheet
180Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA57264SE IRF-IRHNA57264SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
IRHNA57163SE IRF-IRHNA57163SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-2)
IRHNA597064 IRF-IRHNA597064 Datasheet
226Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
JANSR2N7468U2 IRF-JANSR2N7468U2 Datasheet
185Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com