Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2949E Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L2949E
Description  LINEAR INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L2949E Datasheet(HTML) 5 Page - Unisonic Technologies

  L2949E Datasheet HTML 1Page - Unisonic Technologies L2949E Datasheet HTML 2Page - Unisonic Technologies L2949E Datasheet HTML 3Page - Unisonic Technologies L2949E Datasheet HTML 4Page - Unisonic Technologies L2949E Datasheet HTML 5Page - Unisonic Technologies L2949E Datasheet HTML 6Page - Unisonic Technologies L2949E Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UTCL2949E
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
5
QW-R102-014,A
FUNCTIONAL DESCRIPTION
The UTC L2949E is a monolithic integrated voltage regulator,based on the STM modular voltage regulator
approch.Several outstanding features and auxiliary functions are implemented to meet the requirements of supplying
microprocessor systems in automotive applications.Nevertheless,It is suitable also in other applications where the
present functions are required.The modular approach of this device allows to get easily also other features and
functions when required.
Voltage Regulator
The voltage regulator uses an lsolated Collector Vertical PNP transistor as a regulating element.
5
0
20
100
200
IOUT(mA)
10
Figure 1: Foldback Characteristic of Vo
With this structure very low dropout voltage at currents up to 100mA is obtained.The dropout operation of the
standby regulator is maintained down to 3V input supply voltage.The output voltage is regulated up to the transient
input supply voltage of 4V.With this feature no functional interruption due to overvoltage pulses is generated.The
typical cuve showing the standby.output voltage as a function of the input supply voltage is shown in Fig.2. The
current consumption of the device(quiescent current) is less than 300μA.
To reduce the quiescent current peak in the undervoltage region and to improve the transient response inthis
region.the dropout voltage is controlled,the quiescent current as a function of the supply input voltage is shown in
Fig.3.


Similar Part No. - L2949E

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
More results

Similar Description - L2949E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com