Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5945CAX Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5945CAX
Description  Quad Network Power Controller for Power-Over-LAN
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5945CAX Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5945CAX Datasheet HTML 5Page - Maxim Integrated Products MAX5945CAX Datasheet HTML 6Page - Maxim Integrated Products MAX5945CAX Datasheet HTML 7Page - Maxim Integrated Products MAX5945CAX Datasheet HTML 8Page - Maxim Integrated Products MAX5945CAX Datasheet HTML 9Page - Maxim Integrated Products MAX5945CAX Datasheet HTML 10Page - Maxim Integrated Products MAX5945CAX Datasheet HTML 11Page - Maxim Integrated Products MAX5945CAX Datasheet HTML 12Page - Maxim Integrated Products MAX5945CAX Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Quad Network Power Controller
for Power-Over-LAN
_______________________________________________________________________________________
9
OVERCURRENT RESTART DELAY
MAX5945 toc18
400ms/div
0V
0A
IOUT
200mA/div
GATE
10V/div
VEE
(AGND - OUT)
20V/div
STARTUP WITH VALID PD
(25k
Ω AND 0.1µF)
MAX5945 toc19
100ms/div
0V
IOUT
100mA/div
GATE_
VEE
(AGND - OUT)
20V/div
DETECTION WITH INVALID PD
(25k
Ω AND 10µF)
MAX5945 toc20
40ms/div
0V
IOUT
1mA/div
(AGND - OUT)
2V/div
DETECTION WITH INVALID PD (15k
Ω)
MAX5945 toc21
100ms/div
0V
0A
IOUT
1mA/div
(AGND - OUT)
5V/div
DETECTION WITH INVALID PD (33k
Ω)
MAX5945 toc22
100ms/div
0V
0A
IOUT
1mA/div
(AGND - OUT)
5V/div
STARTUP IN MIDSPAN MODE
WITH VALID PD (25k
Ω AND 0.1µF)
MAX5945 toc23
100ms/div
0V
0A
IOUT
100mA/div
VEE
GATE_
10V/div
(AGND - OUT)
20V/div
Typical Operating Characteristics (continued)
(VEE = -48V, VDD = +3.3V, AUTO = AGND = DGND = 0V, RESET = SHD_ = unconnected, RSENSE = 0.5
Ω, all registers = default setting,
TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5945CAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940A-MAX5940B MAXIM-MAX5940A-MAX5940B Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940AESA MAXIM-MAX5940AESA Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940AESA MAXIM-MAX5940AESA Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
More results

Similar Description - MAX5945CAX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5935 MAXIM-MAX5935 Datasheet
706Kb / 10P
   Quad Network Power Controller for Power-Over-LAN
19-3412; Rev 3; 5/07
MAX5922 MAXIM-MAX5922 Datasheet
437Kb / 21P
   48V, Single-Port Network Power Switch For Power-Over-LAN
19-2708; Rev 0; 4/03
MAX5913A MAXIM-MAX5913A Datasheet
619Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
MAX5913 MAXIM-MAX5913 Datasheet
827Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
19-2244; Rev 2; 11/02
MAX5952 MAXIM-MAX5952_10 Datasheet
1,012Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 1; 1/10
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
logo
XFMRS Inc.
POL XFMRS-POL_15 Datasheet
420Kb / 1P
   POWER OVER LAN INTEGRATED
logo
Linear Technology
LTC4266 LINER-LTC4266_15 Datasheet
394Kb / 32P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4266 LINER-LTC4266 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
logo
Texas Instruments
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
[Old version datasheet]   Quad Port Power-over-Ethernet PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com