Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M59P064110N1T Datasheet(PDF) 7 Page - STMicroelectronics

Part # M59P064110N1T
Description  64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59P064110N1T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M59P064110N1T Datasheet HTML 3Page - STMicroelectronics M59P064110N1T Datasheet HTML 4Page - STMicroelectronics M59P064110N1T Datasheet HTML 5Page - STMicroelectronics M59P064110N1T Datasheet HTML 6Page - STMicroelectronics M59P064110N1T Datasheet HTML 7Page - STMicroelectronics M59P064110N1T Datasheet HTML 8Page - STMicroelectronics M59P064110N1T Datasheet HTML 9Page - STMicroelectronics M59P064110N1T Datasheet HTML 10Page - STMicroelectronics M59P064110N1T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7/24
M59PW064
SIGNAL DESCRIPTIONS
See
Figure
2., Logic
Diagram,
and
Table
1., Signal Names, for a brief overview of the sig-
nals connected to this device.
Address Inputs (A0-A21). The Address Inputs
select the cells in the memory array to access dur-
ing Bus Read operations. During Bus Write opera-
tions they control the commands sent to the
Command Interface of the Program Controller.
Data Inputs/Outputs (DQ0-DQ7). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations they represent the command
sent to the Command Interface of the Program
Controller. When reading the Status Register they
report the status of the ongoing algorithm.
Data Inputs/Outputs (DQ8-DQ15). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations the Command Register does not
use these bits. When reading the Status Register
these bits should be ignored.
Chip Enable (E). The Chip Enable, E, activates
the memory, allowing Bus Read operations to be
performed. It also controls the Bus Write opera-
tions, when VPP is in the VHH range.
Output Enable (G). The Output Enable, G, con-
trols the Bus Read operations of the memory. It
also allows Bus Write operations, when VPP is in
the VHH range.
VCC Supply Voltage. The VCC Supply Voltage
supplies the power for Read operations.
A 0.1µF capacitor should be connected between
the VCC Supply Voltage pin and the VSS Ground
pin to decouple the current surges from the power
supply. The PCB track widths must be sufficient to
carry the currents required during program opera-
tions, ICC3.
VPP Program Supply Voltage. VPP is both a
power supply and Write Protect pin. The two func-
tions are selected by the voltage range applied to
the pin.
When the VPP is in the VHH range (see Table
10., DC Characteristics, for the relevant values)
the Program/Erase operation is enabled. During
such operations the VPP must be stable in the VHH
range.
If the VPP is kept under the VHH range, particularly
in the voltage range 0V to 3.6V, any Program/
Erase operation is disabled or stopped.
Note that VPP must not be left floating or uncon-
nected as the device may become unreliable.
VSS Ground. The VSS Ground is the reference for
all voltage measurements.


Similar Part No. - M59P064110N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59PW1282 STMICROELECTRONICS-M59PW1282 Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
M59PW1282-100M1T STMICROELECTRONICS-M59PW1282-100M1T Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
M59PW1282-120M1T STMICROELECTRONICS-M59PW1282-120M1T Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
M59PW1282100M1T STMICROELECTRONICS-M59PW1282100M1T Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
M59PW1282120M1T STMICROELECTRONICS-M59PW1282120M1T Datasheet
414Kb / 24P
   128Mbit (two 64Mb, x16, Uniform Block, LightFlash?? 3V Supply, Multiple Memory Product
More results

Similar Description - M59P064110N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29KW064E STMICROELECTRONICS-M29KW064E Datasheet
233Kb / 30P
   64 Mbit 4Mb x16, Uniform Block 3V Supply LightFlash??Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
   64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
December 2002
M29KW016E STMICROELECTRONICS-M29KW016E Datasheet
261Kb / 31P
   16 Mbit (1Mb x16, Uniform Block) 3V Supply LightFlash Memory
July 2002
M29KW032E STMICROELECTRONICS-M29KW032E Datasheet
234Kb / 30P
   32 Mbit 2Mb x16, Uniform Block 3V Supply LightFlash??Memory
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com