Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1392EUB Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1392EUB
Description  1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1392EUB Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1392EUB Datasheet HTML 5Page - Maxim Integrated Products MAX1392EUB Datasheet HTML 6Page - Maxim Integrated Products MAX1392EUB Datasheet HTML 7Page - Maxim Integrated Products MAX1392EUB Datasheet HTML 8Page - Maxim Integrated Products MAX1392EUB Datasheet HTML 9Page - Maxim Integrated Products MAX1392EUB Datasheet HTML 10Page - Maxim Integrated Products MAX1392EUB Datasheet HTML 11Page - Maxim Integrated Products MAX1392EUB Datasheet HTML 12Page - Maxim Integrated Products MAX1392EUB Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
and the difference between the sampled positive and
negative input voltages is converted. The time required
for the T/H to acquire an input signal is determined by
how quickly its input capacitance is charged. The
required acquisition time lengthens as the input signal’s
source impedance increases. The acquisition time,
tACQ, is the minimum time needed for the signal to be
acquired. It is calculated by the following equation:
tACQ
≥ 7.4 x (RSOURCE + RIN) x CIN + tPU
where:
RSOURCE is the source impedance of the input signal.
RIN = 500
Ω, which is the equivalent differential analog
input resistance.
CIN = 16pF, which is the equivalent differential analog
input capacitance.
tPU = 400ns.
Note: tACQ is never less than 600ns and any source
impedance below 400
Ω does not significantly affect the
ADC’s AC performance.
Analog Input Bandwidth
The ADC’s input-tracking circuitry has a 4MHz full-
power bandwidth, making it possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques.
Use anti-alias filtering to avoid high-frequency signals
being aliased into the frequency band of interest.
Analog Input Range and Protection
The MAX1392/MAX1395 produce a digital output that
corresponds to the analog input voltage as long as the
analog inputs are within their specified range. When
operating the MAX1392 in unipolar mode (UNI/BIP = 1),
the specified differential analog input range is from 0 to
VREF. When operating in bipolar mode (UNI/BIP = 0),
the differential analog input range is from -VREF/2 to
+VREF/2 with a common mode range of 0 to VDD. The
MAX1395 has an input range from 0 to VREF.
Internal protection diodes confine the analog input volt-
age within the region of the analog power input rails
(VDD, GND) and allow the analog input voltage to swing
from GND - 0.3V to VDD + 0.3V without damage. Input
voltages beyond GND - 0.3V and VDD + 0.3V forward
bias the internal protection diodes. In this situation, limit
the forward diode current to less than 50mA to avoid
damage to the MAX1392/MAX1395.
Output Data Format
Figures 8, 9, and 10 illustrate the conversion timing for
the MAX1392/MAX1395. Fourteen SCLK cycles are
required to read the conversion result and data on
DOUT transitions on the falling edge of SCLK. The con-
version result contains 4 zeros, followed by 10 data bits
with the data in MSB-first format. For the MAX1392, data
is straight binary for unipolar mode and two’s comple-
ment for bipolar mode. For the MAX1395, data is always
straight binary.
Transfer Function
Figure 5 shows the unipolar transfer function for the
MAX1392/MAX1395. Figure 6 shows the bipolar trans-
fer function for the MAX1392. Code transitions occur
halfway between successive-integer LSB values.
_______________________________________________________________________________________
9
1.5V to 3.6V, 357ksps, 1-Channel True-Differential/
2-Channel Single-Ended, 10-Bit, SAR ADCs
+
-
HOLD
TRACK
CIN+
REF
GND
DAC
CIN-
RIN+
RIN-
VDD/2
RSOURCE
COMPARATOR
HOLD
HOLD
AIN2
AIN1 (AIN+)*
GND- (AIN-)*
ANALOG
SIGNAL
SOURCE
MAX1392
MAX1395
*INDICATES THE MAX1392
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX1392EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1392ETB++ MAXIM-MAX1392ETB+ Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
More results

Similar Description - MAX1392EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1394 MAXIM-MAX1394 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391_V01 Datasheet
254Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 8-Bit, SAR ADCs
2009
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com