Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBI5170CN Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MBI5170CN
Description  8-Bit Constant Current LED Sink Driver with Gain Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MBI5170CN Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MBI5170CN Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 10Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 11Page - List of Unclassifed Manufacturers MBI5170CN Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MBI5170
8-Bit Constant Current LED Sink Driver with Gain Control
August 2004, VA.00
- 8 -
Recommended Operating Conditions
Characteristics
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
-
4.5
5.0
5.5
V
Output Voltage
VDS
OUT0 ~
7
OUT
-
-
17.0
V
IOUT
OUT0 ~
7
OUT ,
CM*=1, VDD =5V
10
-
120
mA
IOUT
OUT0 ~
7
OUT ,
CM*=0, VDD =5V
5
-
40
mA
IOH
SDO
-
-
-1.0
mA
Output Current
IOL
SDO
-
-
1.0
mA
VIH
CLK, OE /SW,
LE/MOD/CA, and SDI
0.7VDD
-
VDD+0.3
V
Input Voltage
VIL
CLK, OE /SW,
LE/MOD/CA, and SDI
-0.3
-
0.3VDD
V
CLK Pulse Width
tw(CLK)
20
-
-
ns
Setup Time for SDI
tsu(D)
5
-
-
ns
Hold Time for SDI
th(D)
10
-
-
ns
LE/MOD/CA Pulse Width
tw(L)
-
20
-
-
ns
Setup Time for LE/MOD/CA
tsu(L)
5
-
-
ns
Hold Time for LE/MOD/CA
th(L)
For data strobe in both
Normal Mode and
Current Adjust Mode
10
-
-
ns
Setup Time for LE/MOD/CA
tsu(MOD)
5
-
-
ns
Hold Time for LE/MOD/CA
th(MOD)
In Mode Switching
10
-
-
ns
tw(SW)
To trigger Mode
Switching
20
-
-
ns
tw(OE)
Iout < 60mA
200
-
-
ns
OE /SW Pulse Width
tw(OE)
Iout = 60~100mA
400
-
-
ns
Setup Time for OE /SW
tsu(SW)
5
-
-
ns
Hold Time for OE /SW
th(SW)
To trigger Mode
Switching
10
-
-
ns
Clock Frequency
FCLK
Cascade Operation
(VDD= 5.0V)
-
-
25.0
MHz
* CM is one bit in configuration code and called as
“Current Multiplier.” It would affect the ratio of I
OUT to Irext. The
detail information could be found in the section Operation Principle.


Similar Part No. - MBI5170CN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5171 ETC1-MBI5171 Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
MBI5171CD ETC1-MBI5171CD Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
MBI5171CDW ETC1-MBI5171CDW Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
MBI5171CN ETC1-MBI5171CN Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
MBI5171CP ETC1-MBI5171CP Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
More results

Similar Description - MBI5170CN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5028 ETC-MBI5028 Datasheet
466Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH GAIN CONTROL
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP08CL596 STMICROELECTRONICS-STP08CL596 Datasheet
554Kb / 16P
   LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08CDC596 STMICROELECTRONICS-STP08CDC596 Datasheet
435Kb / 20P
   8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com