Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1392MUB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1392MUB
Description  1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1392MUB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1392MUB Datasheet HTML 1Page - Maxim Integrated Products MAX1392MUB Datasheet HTML 2Page - Maxim Integrated Products MAX1392MUB Datasheet HTML 3Page - Maxim Integrated Products MAX1392MUB Datasheet HTML 4Page - Maxim Integrated Products MAX1392MUB Datasheet HTML 5Page - Maxim Integrated Products MAX1392MUB Datasheet HTML 6Page - Maxim Integrated Products MAX1392MUB Datasheet HTML 7Page - Maxim Integrated Products MAX1392MUB Datasheet HTML 8Page - Maxim Integrated Products MAX1392MUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
_______________________________________________________________________________________
5
1.5V to 3.6V, 357ksps, 1-Channel True-Differential/
2-Channel Single-Ended, 10-Bit, SAR ADCs
CS
SCLK
DOUT
OE
UNI/BIP OR
CH1/CH2
tUBS
tCHS
tUBH
tCHH
tCSO
tCSS
tCL
tCH
tCP
tDOE
HIGH-Z
tDOV
tOEW
tCSW
tDOD
HIGH-Z
Figure 1. Detailed Serial-Interface Timing Diagram
GND
50pF
50pF
DOUT
DOUT
GND
VDD
a) HIGH IMPEDANCE TO VOH, VOL TO VOH,
AND VOH TO HIGH IMPEDANCE
b) HIGH IMPEDANCE TO VOL, VOH TO VOL,
AND VOL TO HIGH IMPEDANCE
10mA
10mA
Figure 2. Load Circuits for Enable/Disable Times


Similar Part No. - MAX1392MUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1392 MAXIM-MAX1392 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1392ETB++ MAXIM-MAX1392ETB+ Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
More results

Similar Description - MAX1392MUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1392 MAXIM-MAX1392_09 Datasheet
400Kb / 18P
   1.5V to 3.6V, 357ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 10-Bit, SAR ADCs
Rev 3; 10/09
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
MAX1394 MAXIM-MAX1394 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391 Datasheet
314Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/2-Channel Single-Ended, 8-Bit, SAR ADCs
Rev 0; 11/06
MAX1391 MAXIM-MAX1391_V01 Datasheet
254Kb / 18P
   1.5V to 3.6V, 416ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 8-Bit, SAR ADCs
2009
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com