Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5807 Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # 2SC5807
Description  SILICON NPN EPITAXIAL TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

2SC5807 Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  2SC5807 Datasheet HTML 1Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 2Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 3Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 4Page - Isahaya Electronics Corporation 2SC5807 Datasheet HTML 5Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TYPICAL CHARACTERISTICS
〈Transistor〉
DEVELOPING
2SC5807
For strobe,DC/DC convertor Application
Silicon NPN Epitaxial Type
ELECTRICAL CHARACTERISTICS (Ta=25℃)
LIMITS
SYMBOL
PARAMETER
TESTCONDITIONS
MIN
TYP
MAX
UNIT
V
(BR)CBO
C to B break down voltage
I
C=50μA,I E=0mA
50
V
V
(BR)EBO
E to B break down voltage
I
E=50μA,I C=0mA
6
V
V
(BR)CEO
C to E break down voltage
I
C=1mA,RBE=∞
20
V
I
CBO
Collector cut off current
V
CB=40V,I E =0mA
0.5
μA
IEBO
Emitter cut off current
V
EB=5V,I C=0mA
0.5
μA
FE
DC forward current gain
VCE=2V,IC=0.5A
120
390
-
VCE(sat)
C to E saturation voltage
IC=4A,I
B=100mA
0.25
1.0
V
fT
Gain band width product
VCE=6V,IE=-50mA
150
MHz
Cob
Collector output capacitance
VCB=20V,IE=0mA,f=1MHz
30
pF
* Measured using pulse current.
* It shows h
FE classification in right table.
Marking
FE
120 to 270
180 to 390
COMMON EMITTER TRANSFER
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
BASE TO EMITTER VOLTAGE V
BE(V)
VCE=2V
Ta=100℃
25℃
-25℃
COMMON EMITTER OUTPUT
0
1
2
3
4
5
0
0.4
0.8
1.2
1.6
2
COLLECTER TO EMITTER VOLTAGE V
CE(V)
Ta=25℃
IB=0mA
5mA
10mA
15mA
20mA
25mA
30mA
35mA
40∼50mA
Pc=2W
DC FORWARD CURRENT GAIN
VS. COLLECTER CURRENT(Ⅰ)
10
100
1,000
10,000
0.001
0.01
0.1
1
10
COLLECTER CURRENT I
(A)
Ta=25℃
VCE=5V
2V
1V
DC FORWARD CURRENT GAIN
VS. COLLECTER CURRENT(Ⅱ)
10
100
1,000
10,000
0.001
0.01
0.1
1
10
COLLECTER CURRENT I
(A)
VCE=1V
Ta=100℃
25℃
-25℃
ISAHAYA  ELECTRONICS  CORPORATION


Similar Part No. - 2SC5807

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC5807 ISAHAYA-2SC5807 Datasheet
93Kb / 5P
   Silicon NPN Epitaxial Type
2SC5807 ISAHAYA-2SC5807_07 Datasheet
93Kb / 5P
   Silicon NPN Epitaxial Type
More results

Similar Description - 2SC5807

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
logo
Toshiba Semiconductor
2SC3298 TOSHIBA-2SC3298 Datasheet
109Kb / 2P
   SILICON NPN EPITAXIAL TYPE
2SC5714 TOSHIBA-2SC5714_06 Datasheet
139Kb / 5P
   Silicon NPN Epitaxial Type
logo
Guangdong Kexin Industr...
2SC2713 KEXIN-2SC2713 Datasheet
36Kb / 1P
   Silicon NPN Epitaxial Type
logo
Toshiba Semiconductor
2SC6061 TOSHIBA-2SC6061 Datasheet
205Kb / 5P
   Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501 Datasheet
175Kb / 5P
   Silicon NPN Epitaxial Type
2SC6033 TOSHIBA-2SC6033_06 Datasheet
212Kb / 5P
   Silicon NPN Epitaxial Type
2SC6075 TOSHIBA-2SC6075 Datasheet
168Kb / 5P
   Silicon NPN Epitaxial Type
logo
Isahaya Electronics Cor...
INC5003AH1 ISAHAYA-INC5003AH1 Datasheet
141Kb / 4P
   SILICON NPN EPITAXIAL TYPE
logo
Toshiba Semiconductor
BD135 TOSHIBA-BD135 Datasheet
214Kb / 3P
   SILICON NPN EPITAXIAL TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com