Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTXV1N6762R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JANTXV1N6762R
Description  JANTX, JANTXV POWER DUAL RECTIFIERS IN A TO-254AA PACKAGE QUALIFIED TO MIL-PRF-19500/642
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JANTXV1N6762R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JANTXV1N6762R Datasheet HTML 1Page - List of Unclassifed Manufacturers JANTXV1N6762R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• Center-Tap Configuration
• Isolated and Hermetically Sealed
• Ultra-Fast
• Low VF
• Qualified to MIL-PRF-19500/642
DESCRIPTION
This hermetically packaged QPL product features the latest silicon and packaging
technology.
It is ideally suited for Military low voltage rectifier requirements where
small size, high performance and high reliability are required, and in applications
such as switching power supplies, motor controls, inverters, choppers, audio
amplifiers and high energy pulse circuits.
9 03 R0
50V Thru 200V,
12A, Dual, Common Cathode
or Common Anode Center-Tap Ultra-Fast
Rectifiers
1N6762, 1N6762R, JANTX1N6762, JANTX1N6762R, JANTXV1N6762, JANTXV1N6762R
1N6763, 1N6763R, JANTX1N6763, JANTX1N6763R, JANTXV1N6763, JANTXV1N6763R
1N6764, 1N6764R, JANTX1N6764, JANTX1N6764R, JANTXV1N6764, JANTXV1N6764R
1N6765, 1N6765R, JANTX1N6765, JANTX1N6765R, JANTXV1N6765, JANTXV1N6765R
COMMON CATHODE
1
2
3
.144 DIA.
.050
.040
.260
.249
.685
.665
.800
.790
.545
.535
.550
.510
.045
.035
.550
.530
.150 TYP.
.150 TYP.
.005
MECHANICAL OUTLINE
SCHEMATIC
12
3
COMMON ANODE
1
2
3
TO-254AA
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
Visit Our Web Site at www.omnirel.com
Note: “R” at end of Part Number Designates Common Anode
JANTX, JANTXV POWER DUAL RECTIFIERS IN A
TO-254AA PACKAGE QUALIFIED TO MIL-PRF-19500/642
1N6762, 1N6763, 1N6764, 1N6765
1N6762R, 1N6763R, 1N6764R, 1N6765R


Similar Part No. - JANTXV1N6762R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JANTXV1N6766 ETC1-JANTXV1N6766 Datasheet
16Kb / 2P
   400V Thru 600V, 12A, Center-Tap Ultra-Fast Power Rectifier in TO-254 Hermetic Package
JANTXV1N6766R ETC1-JANTXV1N6766R Datasheet
16Kb / 2P
   400V Thru 600V, 12A, Center-Tap Ultra-Fast Power Rectifier in TO-254 Hermetic Package
JANTXV1N6767 ETC1-JANTXV1N6767 Datasheet
16Kb / 2P
   400V Thru 600V, 12A, Center-Tap Ultra-Fast Power Rectifier in TO-254 Hermetic Package
JANTXV1N6767R ETC1-JANTXV1N6767R Datasheet
16Kb / 2P
   400V Thru 600V, 12A, Center-Tap Ultra-Fast Power Rectifier in TO-254 Hermetic Package
JANTXV1N6768 ETC1-JANTXV1N6768 Datasheet
26Kb / 2P
   16 Amp, 50 To 600 Volts, 35 To 60 ns trr
More results

Similar Description - JANTXV1N6762R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N7218 ETC-2N7218 Datasheet
61Kb / 5P
   JANTX, JANTXV POWER MOSFET IN TO-254AA PACKAGE
logo
Microsemi Corporation
JAN1N3064 MICROSEMI-JAN1N3064 Datasheet
90Kb / 1P
   1N3064 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/144
JANTX1N649-1 MICROSEMI-JANTX1N649-1 Datasheet
91Kb / 1P
   1N649-1 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/240
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
JANTXV2N6193 MICROSEMI-JANTXV2N6193 Datasheet
60Kb / 2P
   PNP MEDIUM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/561
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com