Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2164A51F Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC2164A51F
Description  ICs for use with Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164A51F Datasheet(HTML) 6 Page - Torex Semiconductor

  XC2164A51F Datasheet HTML 1Page - Torex Semiconductor XC2164A51F Datasheet HTML 2Page - Torex Semiconductor XC2164A51F Datasheet HTML 3Page - Torex Semiconductor XC2164A51F Datasheet HTML 4Page - Torex Semiconductor XC2164A51F Datasheet HTML 5Page - Torex Semiconductor XC2164A51F Datasheet HTML 6Page - Torex Semiconductor XC2164A51F Datasheet HTML 7Page - Torex Semiconductor XC2164A51F Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
XC2164A51A ~ XC2164A51L
3rd Overtone
5.0 Operation (Unless otherwise stated, VDD=5.0V, No Load, Ta=30 ~ + 80
OC)
XC2164A51A ~ XC2164A51L
3rd Overtone
3.3V Operation (Unless otherwise stated, VDD=3.3V, No Load, Ta=30 ~ + 80
OC)
XC2164A51E
XC2164A51D
Internal Oscillation Feedback
Resistance
Rf
XC2164A51A
XC2164A51B
XC2164A51F
XC2164A51H
XC2164A51C
2.8
3.5
/INH="L", Q0=Open
(4)
/INH="L"
1.0
2.0
4.0
10.5
(15)
35
140
70
Consumption Current 1
IDD1
/INH = Open, Q0
= Open
XC2164A51F, f0=85MHz
XC2164A51H, f0=100MHz
XC2164A51K, f0=110MHz
XC2164A51C, f0=40MHz
(13)
XC2164A51E, f0=70MHz
PARAMETER
CONDITIONS
Operating Supply Voltage
XC2164A51B, f0=30MHz
"H" Level Input Voltage
CMOS : VDD = 4.5V, IOH= - 16mA
Input Pull Up Resistance 2
Internal Oscillation Feedback
Resistance
XC2164A51C
XC2164A51D
2.2
Consumption Current 2
Input Pull Up Resistance 1
XC2164A51F
5.0
2.0
2.5
2.8
/INH=0.7VDD
XC2164A51A
XC2164A51B
6.5
XC2164A51B, f0=40MHz
XC2164A51C, f0=55MHz
XC2164A51D, f0=70MHz
XC2164A51E, f0=85MHz
VIL
Operating Supply Voltage
"H" Level Input Voltage
"L" Level Input Voltage
"H" Level Output Voltage
PARAMETER
SYMBOL
(23)
(26)
(32)
(32)
(40)
(40)
2.4
Rup1
VDD
"L" Level Input Voltage
XC2164A51L, f0=125MHz
Consumption Current 2
IDD2
XC2164A51K
19.0
23.0
17.0
(23)
17.0
24.0
30.0
30.0
3.30
3.63
3.5
MIN
TYP
MAX
CONDITIONS
VDD
4.5
5.0
5.5
VIH
2.4
0.4
3.9
4.2
(8)
0.5
/INH="L"
1.0
/INH="L", Q0=Open
IDD2
5.0
Rup2
Rf
XC2164A51E
XC2164A51H
9.0
VIH
VIL
SYMBOL
MIN
TYP
MAX
50
4.5
(7)
0.4
100
0.4
V
µA
2.0
M
k
µA
2.0
8.5
(13)
9.5
(15)
25
XC2164A51F, f0=100MHz
XC2164 Series
ICs for use with Crystal Oscillators
V
"L" Level Output Voltage
VOL
CMOS : VDD = 4.5V, IOH=16mA
0.3
0.4
VOH
UNITS
V
V
V
Consumption Current 1
IDD1
/INH = Open, Q0
= Open
mA
XC2164A51K, f0=125MHz
30.0
(40)
XC2164A51H, f0=110MHz
XC2164A51A, f0=30MHz
k
Output Disable Leakage Current
Ioz
/INH="L"
10
UNITS
2.97
V
V
V
V
"L" Level Output Voltage
VOL
CMOS : VDD = 2.97V, IOH=8mA
V
"H" Level Output Voltage
VOH
CMOS : VDD = 2.97V, IOH= - 8mA
2.5
µA
mA
(8)
(15)
5.0
10.0
8.0
Input Pull Up Resistance 1
Rup1
M
Input Pull Up Resistance 2
Rup2
/INH=0.7VDD
k
6.5
k
5.0
2.5
2.2
2.0
XC2164A51K
2.3
10
µA
Output Disable Leakage Current
Ioz
/INH="L"
Semiconductor Ltd.
6


Similar Part No. - XC2164A51F

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164A51F TOREX-XC2164A51F Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC2164A51FCF TOREX-XC2164A51FCF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51FCL TOREX-XC2164A51FCL Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51FCR TOREX-XC2164A51FCR Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51FCT TOREX-XC2164A51FCT Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164A51F

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com