Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI5128VE Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # ISPLSI5128VE
Description  In-System Programmable 3.3V SuperWIDE High Density PLD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI5128VE Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button ISPLSI5128VE Datasheet HTML 13Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 14Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 15Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 16Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 17Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 18Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 19Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 20Page - Lattice Semiconductor ISPLSI5128VE Datasheet HTML 21Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Specifications ispLSI 5128VE
21
Part Number Description
Ordering Information
Device Number
Grade
Blank = Commercial
I = Industrial
ispLSI 5128VE
XXX
X XXXX
Speed
180 = 180 MHz
fmax
125 = 125 MHz
fmax
100 = 100 MHz
fmax
80 = 80 MHz
fmax
Power
L = Low
Package
T128 = 128-Pin TQFP
Device Family
X
0212/5128ve
Table 2-0041A/5128VE
FAMILY
fmax (MHz)
ORDERING NUMBER
PACKAGE
tpd (ns)
ispLSI
180
128-Pin TQFP
5.0
ispLSI 5128VE-180LT128
125
128-Pin TQFP
7.5
ispLSI 5128VE-125LT128
100
128-Pin TQFP
10
ispLSI 5128VE-100LT128
COMMERCIAL
Table 2-0041B/5128VE
FAMILY
fmax (MHz)
ORDERING NUMBER
PACKAGE
tpd (ns)
ispLSI
125
128-Pin TQFP
7.5
ispLSI 5128VE-125LT128I
100
128-Pin TQFP
10
ispLSI 5128VE-100LT128I
80
128-Pin TQFP
12
ispLSI 5128VE-80LT128I
INDUSTRIAL
The ispLSI 5128VE is dual-marked with both Commercial and Industrial grades. The Commercial speed grade is faster
(i.e. ispLSI 5128VE-180LT128) than the Industrial speed grade (i.e. ispLSI 5128VE-125LT128I).


Similar Part No. - ISPLSI5128VE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
More results

Similar Description - ISPLSI5128VE

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
   In-System Programmable 3.3V SuperWIDE High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256VA LATTICE-5256VA Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5512VA LATTICE-5512VA Datasheet
331Kb / 26P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5256V LATTICE-5256V Datasheet
311Kb / 25P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
5384VA LATTICE-5384VA_02 Datasheet
311Kb / 31P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5512VE LATTICE-ISPLSI5512VE Datasheet
275Kb / 25P
   In-System Programmable 3.3V SuperWIDE™ High Density PLD
January 2002
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com