Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC161AN Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74HC161AN
Description  PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HC161AN Datasheet(HTML) 3 Page - Motorola, Inc

  MC74HC161AN Datasheet HTML 1Page - Motorola, Inc MC74HC161AN Datasheet HTML 2Page - Motorola, Inc MC74HC161AN Datasheet HTML 3Page - Motorola, Inc MC74HC161AN Datasheet HTML 4Page - Motorola, Inc MC74HC161AN Datasheet HTML 5Page - Motorola, Inc MC74HC161AN Datasheet HTML 6Page - Motorola, Inc MC74HC161AN Datasheet HTML 7Page - Motorola, Inc MC74HC161AN Datasheet HTML 8Page - Motorola, Inc MC74HC161AN Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC54/74HCT161A MC54/74HCT163A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ±10%: CL = 50 pF, Input tr = tf = 6.0 ns)
Guaranteed Limit
Symbol
Parameter
Fig
– 55 to 25
_C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)*
1,7
30
24
20
MHz
tPLH
Maximum Propagation Delay Clock to Q
1,7
20
23
28
ns
tPHL
1,7
25
30
32
ns
tPHL
Maximum Propagation Delay Reset to Q (HCT161A Only)
2,7
25
29
33
ns
tPLH
Maximum Propagation Delay Enable T to Ripple Carry Out
3,7
16
18
20
ns
tPHL
3,7
21
24
28
ns
tPLH
Maximum Propagation Delay Clock to Ripple Carry Out
1,7
22
25
28
ns
tPHL
1,7
28
33
35
ns
tPHL
Maximum Propagation Delay Reset to Ripple Carry Out
(HCT161A Only)
2,7
24
28
32
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
2,7
15
19
22
ns
Cin
Maximum Input Capacitance
1,7
10
10
10
pF
* Applies to noncascaded/nonsynchronous clocked configurations only. With synchronously cascaded counters, (1) Clock to Ripple Carry Out
propagation delays, (2) Enable T or Enable P to Clock setup times, and (3) Clock to Enable T or Enable P hold times determine fmax. However,
if Ripple Carry Out of each stage is tied to the Clock of the next stage (nonsynchronously clocked), the fmax in the table above is applicable. See
Applications information in this data sheet.
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Gate)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Gate)*
60
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).
TIMING REQUIREMENTS (VCC = 5.0 V ±10%: CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Fig.
Guaranteed Limit
Unit
Symbol
Parameter
Fig.
– 55 to
25
_C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Preset Data Inputs to Clock
5
12
18
20
ns
Minimum Setup Time, Load to Clock
5
12
18
20
ns
Minimum Setup Time, Reset to Clock
(HCT163A Only)
4
12
18
20
ns
Minimum Setup Time, Enable T or Enable P to Clock
6
12
18
20
ns
th
Minimum Hold Time, Clock to Preset Data Inputs
5
3
3
3
ns
Minimum Hold Time, Clock to Load
5
3
3
3
ns
Minimum Hold Time, Clock to Reset
(HCT163A Only)
4
3
3
3
ns
Minimum Hold Time, Clock to En T or En P
6
3
3
3
ns
trec
Minimum Recovery Time, Reset Inactive to Clock
(HCT161A Only)
2
12
17
23
ns
Minimum Recovery Time, Load Inactive to Clock
2
12
17
23
ns
tw
Minimum Pulse Width, Clock
1
12
15
18
ns
Minimum Pulse Width, Reset
(HCT161A Only)
1
12
15
18
ns
tr, tf
Maximum Input Rise and Fall Times
500
500
500
ns


Similar Part No. - MC74HC161AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC161AN ONSEMI-MC74HC161AN Datasheet
144Kb / 16P
   Presettable Counters
June, 2001 ??Rev. 9
MC74HC161AN ONSEMI-MC74HC161AN Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
MC74HC161ANG ONSEMI-MC74HC161ANG Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
More results

Similar Description - MC74HC161AN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC163A IKSEMICON-IN74HC163A Datasheet
290Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC163A KODENSHI-KK74HC163A Datasheet
302Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT163 SLS-SL74HCT163 Datasheet
127Kb / 9P
   Presettable Counters(High-Performance Silicon-Gate CMOS)
logo
IK Semicon Co., Ltd
IN74HCT163A IKSEMICON-IN74HCT163A Datasheet
287Kb / 9P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC161A KODENSHI-KK74HC161A Datasheet
308Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
KK74HCT163A KODENSHI-KK74HCT163A Datasheet
299Kb / 9P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC161A IKSEMICON-IN74HC161A Datasheet
290Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
IN74AC163 IKSEMICON-IN74AC163 Datasheet
313Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC163 KODENSHI-KK74AC163 Datasheet
419Kb / 9P
   Presettable Counters High-Speed Silicon-Gate CMOS
KK74ACT163 KODENSHI-KK74ACT163 Datasheet
344Kb / 8P
   Presettable Counters High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com