Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2164A51CDCT Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC2164A51CDCT
Description  ICs for use with Crystal Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2164A51CDCT Datasheet(HTML) 5 Page - Torex Semiconductor

  XC2164A51CDCT Datasheet HTML 1Page - Torex Semiconductor XC2164A51CDCT Datasheet HTML 2Page - Torex Semiconductor XC2164A51CDCT Datasheet HTML 3Page - Torex Semiconductor XC2164A51CDCT Datasheet HTML 4Page - Torex Semiconductor XC2164A51CDCT Datasheet HTML 5Page - Torex Semiconductor XC2164A51CDCT Datasheet HTML 6Page - Torex Semiconductor XC2164A51CDCT Datasheet HTML 7Page - Torex Semiconductor XC2164A51CDCT Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
XC2164A51T, V Fundamental
3.3V Operation (unless otherwise stated, VDD=3.3V, No Load, Ta=30 ~ + 80
OC)
/INH=Open, Q0=Open
XC2164A51M, V
f=30MHz
XC2164A51T
/INH= " L ", Q0=Open
XC2164A51M, V
f=30MHz
XC2164A51T
XC2164A51M, V
XC2164A51T
XC2164A51M, V
XC2164A51T
* note 1 : the values for Cg, Cd are the designed values.
Comparative Chart of Oscillation Frequency vs. Supply Voltage, and Negative Resistance Value (The designed value when 300MHz Crystal is used.)
OSCILLATION FREQUENCY vs. SUPPLY VOLTAGE
VDD = 3.3V
VDD = 5.0V
- 130
- 220
- 660
- 760
- 250
3.30
2.5
NEGATIVE RESISTANCE VALUE
± 1.2 ppm
VDD = 5.0 V,
±10%
VDD = 3.3 V,
±10%
± 4.3 ppm
± 4.5 ppm
CMOS : 2.97V, IOH= - 8mA
- 150
SYMBOL
± 9.4 ppm
M
V
T
± 2.1 ppm
± 7.0 ppm
Operating Supply Voltage
VDD
2.5
"H" Level Input Voltage
VIH
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
3.63
V
V
"L" Level Input Voltage
VIL
0.4
V
"H" Level Output Voltage
VOH
2.4
"L" Level Output Voltage
VOL
CMOS : 2.97V, IOH=8mA
( 6.5 )
V
0.4
V
( 8 )
mA
Consumption Current 2
IDD2
2
Consumption Current 1
IDD1
5
4
µA
2
( 4 )
( 4 )
Input pull up resistance 1
Rup1
/INH="L"
1.0
2.0
4.0
M
Input pull up resistance 2
Rup2
/INH=0.7VDD
35
70
140
k
Internal Oscillation Capacitance
Cg
( * )
Cd
( * )
35
pF
20
35
Internal Oscillation Feedback Resistance
Rf
10
µA
20
7.0
XC2164 Series
ICs for use with Crystal Oscillators
M
Output Diable Leakage Current
IOZ
/INH="L"
Semiconductor Ltd.
5


Similar Part No. - XC2164A51CDCT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2164A51C TOREX-XC2164A51C Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC2164A51CCF TOREX-XC2164A51CCF Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCL TOREX-XC2164A51CCL Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCR TOREX-XC2164A51CCR Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2164A51CCT TOREX-XC2164A51CCT Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results

Similar Description - XC2164A51CDCT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com