Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2742RB1 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2742RB1
Description  HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2742RB1 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2742RB1 Datasheet HTML 2Page - New Japan Radio NJM2742RB1 Datasheet HTML 3Page - New Japan Radio NJM2742RB1 Datasheet HTML 4Page - New Japan Radio NJM2742RB1 Datasheet HTML 5Page - New Japan Radio NJM2742RB1 Datasheet HTML 6Page - New Japan Radio NJM2742RB1 Datasheet HTML 7Page - New Japan Radio NJM2742RB1 Datasheet HTML 8Page - New Japan Radio NJM2742RB1 Datasheet HTML 9Page - New Japan Radio NJM2742RB1 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM2742
-7-
Ver.2004-09-14
Operating Current vs. Operating Voltage
0.0
1.0
2.0
3.0
4.0
5.0
024
68
10
12
14
16
18
Operating Voltage[±V]
Vin=0V,Ta=25°C
Input Offset Voltage vs.
Temperature
0.0
2.0
4.0
6.0
8.0
10.0
-50
0
50
100
150
Temperature [°C]
V+/V-=±15V
Input Offset Current
vs. Temperature
-600
-400
-200
0
200
400
600
-50
0
50
100
150
Temperature [°C]
V+/V-=±15V
Input Bias Currentvs. Temperature
0
50
100
150
-50
0
50
100
150
Temperature [°C]
V+/V-=±15V
Voltage Gain vs. Temperature
0
20
40
60
80
100
120
140
-50
0
50
100
150
Temperature [°C]
V+/V-=±15V,RL=2kΩ
Operating Current vs. Temperatur
0
1
2
3
4
5
-50
0
50
100
150
Temperature [°C]
Vin=0V
V+/V-=±15V
V+/V-=±2.5V


Similar Part No. - NJM2742RB1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2740 NJRC-NJM2740 Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2740M NJRC-NJM2740M Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2740V NJRC-NJM2740V Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2741 NJRC-NJM2741 Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
NJM2741F NJRC-NJM2741F Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
More results

Similar Description - NJM2742RB1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3472 NJRC-NJM3472 Datasheet
2Mb / 15P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
NJM842 NJRC-NJM842 Datasheet
1Mb / 15P
   HIGH SPEED SINGLE SUPPLY OPERATIONAL AMPLIFIER
Ver. 02
logo
National Semiconductor ...
LM7131 NSC-LM7131 Datasheet
548Kb / 23P
   Tiny High Speed Single Supply Operational Amplifier
logo
Texas Instruments
LM7131 TI1-LM7131 Datasheet
739Kb / 28P
[Old version datasheet]   Tiny High Speed Single Supply Operational Amplifier
logo
New Japan Radio
NJM2744 NJRC-NJM2744 Datasheet
516Kb / 9P
   High Speed Single Supply Quad Operational Amplifier
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
[Old version datasheet]   HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2125 NJRC-NJM2125 Datasheet
247Kb / 5P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
logo
New Japan Radio
NJM2904 NJRC-NJM2904 Datasheet
278Kb / 7P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIER?
logo
List of Unclassifed Man...
NJM2712 ETC1-NJM2712 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com