Electronic Components Datasheet Search |
|
5082-A513-0I200 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
5082-A513-0I200 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 14 page 6 AlGaAs Red Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions A11X Luminous Intensity/Segment[1,2] IV 315 600 µcd IF = 1 mA (Digit Average) 3600 IF = 5 mA F11X, G11X 330 650 IF = 1 mA 3900 IF = 5 mA H11X, K11X 400 700 IF = 1 mA 4200 IF = 5 mA All Devices Forward Voltage/Segment or DP VF 1.6 2.0 V IF = 1 mA 1.7 IF = 5 mA 1.8 22 IF = 20 mA Peak Peak Wavelength λ PEAK 645 nm Dominant Wavelength[3] λ d 637 nm Reverse Voltage/Segment or DP[4] VR 3.0 15 V IR = 100 µA Temperature Coefficient of ∆V F / °C-2 mV/ °C VF/Segment or DP A11X Thermal Resistance LED R θ J-PIN 255 °C/W/ Junction-to-Pin Seg. F11X, G11X 320 H11X, K12X 400 Electrical/Optical Characteristics at TA = 25°C Absolute Maximum Ratings AlGaAs Red HER/Orange Green HDSP-X11X HDSP-X21X/X41X HDSP-X51X Description Series Series Series Units Average Power per Segment 37 105 105 mW or DP Peak Forward Current per 45 90[1] 90[3] mA Segment or DP DC Forward Current per 15[5] 30[2] 30[4] mA Segment or DP Operating Temperature Range –20 to +100 –40 to +100 °C Storage Temperature Range –55 to +100 °C Reverse Voltage per 3.0 V Segment or DP Wave Soldering Temperature for 250 °C 3 Seconds (1.60 mm [0.063 in.] below Body) Notes: 1. See Figure 5 to establish pulsed conditions. 2. Derate above 53 °C at 0.45 mA/°C (see Figure 7). 3. See Figure 6 to establish pulsed conditions. 4. Derate above 39 °C at 0.37 mA/°C (see Figure 7). 5. Derate above 91 °C at 0.53 mA/°C (see Figure 1). |
Similar Part No. - 5082-A513-0I200 |
|
Similar Description - 5082-A513-0I200 |